Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC43S50 Datasheet HTML 1Page - NXP Semiconductors LPC43S50 Datasheet HTML 2Page - NXP Semiconductors LPC43S50 Datasheet HTML 3Page - NXP Semiconductors LPC43S50 Datasheet HTML 4Page - NXP Semiconductors LPC43S50 Datasheet HTML 5Page - NXP Semiconductors LPC43S50 Datasheet HTML 6Page - NXP Semiconductors LPC43S50 Datasheet HTML 7Page - NXP Semiconductors LPC43S50 Datasheet HTML 8Page - NXP Semiconductors LPC43S50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
1. General description
The LPC43S50/S30/S20 are ARM Cortex-M4 based microcontrollers for embedded
applications which include an ARM Cortex-M0 coprocessor, up to 264 kB of SRAM,
security features with AES engine, advanced configurable peripherals such as the State
Configurable Timer/PWM (SCTimer/PWM) and the Serial General-Purpose I/O (SGPIO)
interface, two High-speed USB controllers, Ethernet, LCD, an external memory controller,
and multiple digital and analog peripherals. The LPC43S50/S30/S20 operate at CPU
frequencies of up to 204 MHz.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point unit is integrated in the core.
The ARM Cortex-M0 coprocessor is an energy-efficient and easy-to-use 32-bit core which
is code- and tool-compatible with the Cortex-M4 core. The Cortex-M0 coprocessor offers
up to 204 MHz performance with a simple instruction set and reduced code size. In
LPC43Sx0, the Cortex-M0 coprocessor hardware multiply is implemented as a 32-cycle
iterative multiplier.
See Section 17 “References” for additional documentation.
2. Features and benefits
Cortex-M4 Processor core
ARM Cortex-M4 processor, running at frequencies of up to 204 MHz.
Built-in Memory Protection Unit (MPU) supporting eight regions.
Built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit.
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four watch
points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 flashless MCU with security
features; up to 264 kB SRAM, Ethernet; two HS USBs, AES
engine, LCD, EMC, SPIFI
Rev. 1.3 — 20 January 2020
Product data sheet


Similar Part No. - LPC43S50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC43S57 NXP-LPC43S57 Datasheet
2Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3 - 13 January 2020
LPC43S57JBD208 NXP-LPC43S57JBD208 Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
LPC43S57JBD208 NXP-LPC43S57JBD208 Datasheet
2Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash
15 March 2016
LPC43S57JET256 NXP-LPC43S57JET256 Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
LPC43S57JET256 NXP-LPC43S57JET256 Datasheet
2Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash
15 March 2016
More results

Similar Description - LPC43S50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC408X NXP-LPC408X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
Rev. 1-17 September 2012
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC18S50 NXP-LPC18S50 Datasheet
2Mb / 151P
32-bit ARM Cortex-M3 flashless MCU with security features
Rev. 1-23 February 2015
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC43S5X NXP-LPC43S5X Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com