Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC43S50 Datasheet HTML 53Page - NXP Semiconductors LPC43S50 Datasheet HTML 54Page - NXP Semiconductors LPC43S50 Datasheet HTML 55Page - NXP Semiconductors LPC43S50 Datasheet HTML 56Page - NXP Semiconductors LPC43S50 Datasheet HTML 57Page - NXP Semiconductors LPC43S50 Datasheet HTML 58Page - NXP Semiconductors LPC43S50 Datasheet HTML 59Page - NXP Semiconductors LPC43S50 Datasheet HTML 60Page - NXP Semiconductors LPC43S50 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
LPC43S50_S30_S20
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 20 January 2020
57 of 156
NXP Semiconductors
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 microcontroller
Debug pins
DBGEN
L4
K4
A6
28
[2]
I
I
JTAG interface control signal. Also used for boundary scan. To
use the part in functional mode, connect this pin in one of the
following ways:
• Leave DBGEN open. The DBGEN pin is pulled up
internally by a 50 kΩ resistor.
• Tie DBGEN to VDDIO.
• Pull DBGEN up to VDDIO with an external pull-up resistor.
TCK/SWDCLK
J5
G5
H2
27
[2]
I; F
I
Test Clock for JTAG interface (default) or Serial Wire (SW)
clock.
TRST
M4
L4
B4
29
[2]
I; PU I
Test Reset for JTAG interface.
TMS/SWDIO
K6
K5
C4
30
[2]
I; PU I
Test Mode Select for JTAG interface (default) or SW debug
data input/output.
TDO/SWO
K5
J5
H3
31
[2]
O
O
Test Data Out for JTAG interface (default) or SW trace output.
TDI
J4
H4
G3
26
[2]
I; PU I
Test Data In for JTAG interface.
USB0 pins
USB0_DP
F2
E2
E1
18
[6]
-
I/O USB0 bidirectional D+ line.
USB0_DM
G2
F2
E2
20
[6]
-
I/O USB0 bidirectional D
 line.
USB0_VBUS
F1
E1
E3
21
[6]
[7]
-
I/O VBUS pin (power on USB cable). This pin includes an internal
pull-down resistor of 64 kΩ (typical)
 16 kΩ.
USB0_ID
H2
G2
F1
22
[8]
-
I
Indicates to the transceiver whether connected as an A-device
(USB0_ID LOW) or B-device (USB0_ID HIGH). For OTG this
pin has an internal pull-up resistor.
USB0_RREF
H1
G1
F3
24
[8]
-
12.0 kΩ (accuracy 1 %) on-board resistor to ground for current
reference.
USB1 pins
USB1_DP
F12
D11
E9
89
[9]
-
I/O USB1 bidirectional D+ line.
USB1_DM
G12
E11
E10 90
[9]
-
I/O USB1 bidirectional D
 line.
I2C-bus pins
I2C0_SCL
L15
K13
D6
92
[10] I; F
I/O I2C clock input/output. Open-drain output (for I2C-bus
compliance).
I2C0_SDA
L16
K14
E6
93
[10] I; F
I/O I2C data input/output. Open-drain output (for I2C-bus
compliance).
Reset and wake-up pins
RESET
D9
C7
B6
128 [11] I; IA I
External reset input: A LOW-going pulse as short as 50 ns on
this pin resets the device, causing I/O ports and peripherals to
take on their default states, and processor execution to begin
at address 0. This pin does not have an internal pull-up.
WAKEUP0
A9
A9
A4
130 [11] I; IA I
External wake-up input; can raise an interrupt and can cause
wake-up from any of the low-power modes. A pulse with a
duration > 45 ns wakes up the part. This pin does not have an
internal pull-up.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com