Electronic Components Datasheet Search
  English  ▼

X  

LPC43S50 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC43S50
Description  32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S50 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC43S50 Datasheet HTML 60Page - NXP Semiconductors LPC43S50 Datasheet HTML 61Page - NXP Semiconductors LPC43S50 Datasheet HTML 62Page - NXP Semiconductors LPC43S50 Datasheet HTML 63Page - NXP Semiconductors LPC43S50 Datasheet HTML 64Page - NXP Semiconductors LPC43S50 Datasheet HTML 65Page - NXP Semiconductors LPC43S50 Datasheet HTML 66Page - NXP Semiconductors LPC43S50 Datasheet HTML 67Page - NXP Semiconductors LPC43S50 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 156 page
background image
LPC43S50_S30_S20
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 20 January 2020
64 of 156
NXP Semiconductors
LPC43S50/S30/S20
32-bit ARM Cortex-M4/M0 microcontroller
7.9.1 Features
• Single selection of a source.
• Signal inversion.
• Can capture a pulse if the input event source is faster than the target clock.
• Synchronization of input event and target clock.
• Single-cycle pulse generation for target.
7.10 On-chip static RAM
The LPC43S50/S30/S20 support up to 200 kB local SRAM and an additional 64 kB AHB
SRAM with separate bus master access for higher throughput and individual power
control for low-power operation.
7.11 In-System Programming (ISP)
In-System Programming (ISP) means programming or reprogramming the on-chip SRAM
memory, using the boot loader software and the USART0 serial port. ISP can be
performed when the part resides in the end-user board. ISP loads data into on-chip SRAM
and execute code from on-chip SRAM.
7.12 Boot ROM
The internal ROM memory is used to store the boot code of the LPC43S50/S30/S20. After
a reset, the ARM processor will start its code execution from this memory.
The boot ROM memory includes the following features:
• The ROM memory size is 64 kB.
• Supports booting from UART interfaces and external static memory such as NOR
flash, quad SPI flash, and USB0 and USB1.
• Includes API for OTP programming.
• Includes a flexible USB device stack that supports Human Interface Device (HID),
Mass Storage Class (MSC), and Device Firmware Upgrade (DFU) drivers.
Several boot modes are available depending on the values of the OTP bits BOOT_SRC. If
the OTP memory is not programmed or the BOOT_SRC bits are all zero, the boot mode is
determined by the states of the boot pins P2_9, P2_8, P1_2, and P1_1.
Table 4.
Boot mode when OTP BOOT_SRC bits are programmed
Boot mode BOOT_SRC
bit 3
BOOT_SRC
bit 2
BOOT_SRC
bit 1
BOOT_SRC
bit 0
Description
Pin state
0
0
0
0
Boot source is defined by the reset state of P1_1,
P1_2, P2_8, and P2_9 pins. See Table 5.
USART0
0
0
0
1
Boot from device connected to USART0 using pins
P2_0 and P2_1.
SPIFI
0
0
1
0
Boot from Quad SPI flash connected to the SPIFI
interface using pins P3_3 to P3_8.
EMC 8-bit
0
0
1
1
Boot from external static memory (such as NOR
flash) using CS0 and an 8-bit data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com