Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1285 Datasheet HTML 1Page - Texas Instruments ADS1285 Datasheet HTML 2Page - Texas Instruments ADS1285 Datasheet HTML 3Page - Texas Instruments ADS1285 Datasheet HTML 4Page - Texas Instruments ADS1285 Datasheet HTML 5Page - Texas Instruments ADS1285 Datasheet HTML 6Page - Texas Instruments ADS1285 Datasheet HTML 7Page - Texas Instruments ADS1285 Datasheet HTML 8Page - Texas Instruments ADS1285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Power supply voltages
AVDD1 to AVSS
–0.3
5.5
V
AVSS to AGND
–2.8
0.3
AVDD2 to AGND
–0.3
5.5
AVDD2 to AVSS
–0.3
5.5
IOVDD to DGND
–0.3
3.9
IOVDD to DGND (IOVDD connected to CAPD)
–0.3
2.2
Grounds
AGND to DGND
– 0.3
0.3
V
Analog input voltage
AIN1P, AIN1N, AIN2P, AIN2N, REFP, REFN
AVSS – 0.3
AVDD1 + 0.3
V
Digital input voltage
CLK, DIN, SCLK, CS, GPIO0, GPIO1, SYNC, RESET, PWDN
DGND – 0.3
IOVDD + 0.3
V
Input current
Continuous, any digital or analog pin (2)
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–60
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional – this may affect device reliability, functionality, performance, and shorten the device
lifetime.
(2)
Analog input pins AIN1P, AIN1N, AIN2P, AIN2N, REFP and REFN are diode-clamped to AVDD1 and AVSS. Limit the input current to
10 mA in the event the analog input voltage exceeds AVDD1 + 0.3 V or AVSS – 0.3 V. Digital input pins are clamped to IOVDD and
DGND. Limit the input current if the digital input voltage exceeds IOVDD + 0.3 V or DGND – 0.3 V.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC JESD22-C101(2)
1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Analog power supplies
AVDD1 to AVSS
3
5.25
V
AVDD1 to AGND
2.375
V
AVSS to AGND
–2.625
0
AVDD2 to AGND
2.375
5.25
AVDD2 to AVSS
5.25
Digital power supply
IOVDD to DGND
2.7
3.6
V
IOVDD connected to CAPD
1.65
1.95
ANALOG INPUTS
VIN
Differential input voltage
VIN = VAINP – VAINN
Reference voltage = 5 V
±VREF / (2 × Gain)
V
Reference voltage = 4.096 V
±VREF / (1.6384 × Gain)
Reference voltage = 2.5 V
±VREF / Gain
Absolute input voltage
Buffer operation
AVSS + 0.1
AVDD1 – 0.1
V
PGA operation
AVSS + 1.1
AVDD1 – 0.85
Absolute output voltage
Buffer operation
AVSS + 0.1
AVDD1 – 0.1
V
PGA operation
AVSS + 0.15
AVDD1 – 0.15
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com