Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 35Page - Texas Instruments ADS1285 Datasheet HTML 36Page - Texas Instruments ADS1285 Datasheet HTML 37Page - Texas Instruments ADS1285 Datasheet HTML 38Page - Texas Instruments ADS1285 Datasheet HTML 39Page - Texas Instruments ADS1285 Datasheet HTML 40Page - Texas Instruments ADS1285 Datasheet HTML 41Page - Texas Instruments ADS1285 Datasheet HTML 42Page - Texas Instruments ADS1285 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Be aware the corner frequency programming is a function of fDATA. As shown by Equation 5, the value written to
the HPF1, HPF0 registers is value a, computed by Equation 4, × 216.
HPF[15:0] = a × 216
(5)
Table 8-6 shows examples of the high-pass filter programming.
Table 8-6. High-Pass Filter Value Examples
HPF[15:0]
fC (Hz)
fDATA (SPS)
0332h
0.5
250
0332h
1.0
500
019Ah
1.0
1000
The HPF accumulates data to perform the high-pass function. Similar to the operation of an analog HPF after a
dc step change is applied to the input, the filter takes time to accumulate data to remove dc from the signal. The
lower the corner frequency, the longer the filter takes to settle.
To shorten the HPF settling time, the offset register is used as a seed value for the HPF accumulator. The
accumulator is loaded with the offset register each time the HPF state is changed from disabled to enabled. The
offset register can be preset with an estimated value, or a calibrated value if the dc level is known. To improve
accuracy, scale the offset value by the inverse value of GAIN[3:0] / 400000h. The normal offset operation is
disabled when the HPF is enabled.
To initialize the HPF accumulator with the OFFSET[2:0] registers:
1. Disable the HPF.
2. Write the desired value to the OFFSET[2:0] registers.
3. Enable the HPF. OFFSET[2:0] is loaded to the HPF data accumulator.
4. The HPF tracks the remaining dc value from the signal.
Subsequent writes to the OFFSET[2:0] registers are ignored. To reload the contents of the OFFSET[2:0]
registers to the HPF, disable and re-enable the HPF.
8.3.7 Clock Input
A clock signal is required for operation. The clock signal is applied to the CLK pin at fCLK = 8.192 MHz for high-
and mid-power modes and 4.096 MHz for low-power mode. As with many precision data converters, a low-jitter
clock is required to achieve data sheet performance. Avoid the use of R-C clock oscillators. A crystal-based
clock source is recommended. Avoid ringing on the clock signal by placing a series resistor in the clock PCB
trace to source-terminate. Keep the clock signal routed away from other clock signals, input pins, and analog
components.
8.3.8 GPIO
The ADC provides two general-purpose I/O (GPIO) pins that can be used as digital inputs or outputs. The GPIO
voltage levels are IOVDD and DGND. Figure 8-19 illustrates the GPIO block diagram.
The GPIOs are programmed by the GPIO register. The GPIOs are programmed as an input or output by the
GPIOx_DIR bits. The GPIO state is read or written by the GPIOx_DAT bits. When programmed as an output,
reading the GPIOx_DAT bits returns the register bit value previously written. If the GPIOs are unused, terminate
the GPIOs with pulldown resistors to prevent the pins from floating.
www.ti.com
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com