Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 17Page - Texas Instruments ADS1285 Datasheet HTML 18Page - Texas Instruments ADS1285 Datasheet HTML 19Page - Texas Instruments ADS1285 Datasheet HTML 20Page - Texas Instruments ADS1285 Datasheet HTML 21Page - Texas Instruments ADS1285 Datasheet HTML 22Page - Texas Instruments ADS1285 Datasheet HTML 23Page - Texas Instruments ADS1285 Datasheet HTML 24Page - Texas Instruments ADS1285 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, AVDD1 = 5 V, AVSS = 0 V, AVDD2 = 2.5 V, IOVDD = 1.8 V, fCLK = 8.192 MHz (4.096 MHz low-power mode),
VREFP = 4.096 V, VREFN = 0 V, PGA gain = 1, VCM = 2.5 V, fDATA = 500 SPS (unless otherwise noted)
Temperature (
C)
-40
-20
0
20
40
60
80
0
100
200
300
400
500
High- and mid-power modes
Low-power mode
Figure 6-57. Reference Input Current vs Temperature
Reference Input Current (
A)
0
10
20
30
40
50
60
70
80
90
100
High-power mode
Mid-power mode
Low-power mode
30 units
Figure 6-58. Reference Input Current Distribution
Common-Mode Input Frequency (Hz)
10
100
1000
10000
100000
1000000
40
60
80
100
120
140
160
PGA gain = 1
Buffer operation
Figure 6-59. CMRR vs Common-Mode Input Frequency
AVDD1 Current (mA)
0
10
20
30
40
50
60
70
80
90
100
High-power mode, PGA operation
Mid-power mode, PGA operation
Low-power mode, PGA operation
30 units
Figure 6-60. AVDD1 Current Distribution
AVDD1 Current (mA)
0
10
20
30
40
50
60
70
80
90
100
High-power mode, buffer
Mid-power mode, buffer
Low-power mode, buffer
30 units
Figure 6-61. AVDD1 Current Distribution
Temperature (
C)
-40
-20
0
20
40
60
80
0.4
0.8
1.2
1.6
2
High-power mode, PGA operation
Mid-power mode, PGA operation
Low-power mode, PGA operation
Figure 6-62. AVDD1 Current vs Temperature
www.ti.com
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com