Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 38Page - Texas Instruments ADS1285 Datasheet HTML 39Page - Texas Instruments ADS1285 Datasheet HTML 40Page - Texas Instruments ADS1285 Datasheet HTML 41Page - Texas Instruments ADS1285 Datasheet HTML 42Page - Texas Instruments ADS1285 Datasheet HTML 43Page - Texas Instruments ADS1285 Datasheet HTML 44Page - Texas Instruments ADS1285 Datasheet HTML 45Page - Texas Instruments ADS1285 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Because the SRC is a digital function, operation is deterministic without error. The SRC trim value can be written
all at the same time, or written incrementally up to a target value to minimize the step change of frequency.
Use the multibyte command operation to write to the SRC registers and complete the write operation 256 CLK
cycles before the DRDY falling edge. This procedure loads the high and low bytes simultaneously before they
are internally processed. See Figure 6-7 for details.
8.4.6 Offset and Gain Calibration
The ADC integrates calibration registers to correct offset and gain errors. As shown in Equation 6 and Figure
8-20, the 24-bit offset value (OFFSET[23:0]) is subtracted from the filter data before multiplication by the 24-bit
gain value (GAIN[23:0]), divided by 400000h. The data are clipped to 32 bits to yield the final output. The offset
operation is bypassed when the high-pass filter is enabled.
Output =
GAIN[23:0]
(Input - OFFSET[23:0])
400000h
(6)
OFFSET[23:0]
X
GAIN[23:0]
output data
clipped to 32 bits
final output
400000h
SW
offset bypassed in HPF mode
+
-
from digital filter
Figure 8-20. Calibration Block Diagram
8.4.6.1 OFFSET Register
Offset correction is by a 24-bit word consisting of three 8-bit registers (high address is the MSB). The offset
value is left-justified to align to the 32-bit data. The offset value is 2's-complement coding with a maximum
positive value of 7FFFFFh and a maximum negative value of 800000h. OFFSET is subtracted from the
conversion data; see Table 8-8. Offset error is corrected by the offset calibration command with the input-short
multiplexer option, or by collecting shorted-input ADC data and writing the value to the registers.
Although the offset correction range is from –FS to +FS, the sum of offset and gain correction must not exceed
106% of the uncalibrated range.
When the high-pass filter is enabled, offset correction is disabled. The offset value is used instead as a starting
value to shorten the high-pass filter settling time. To reload the offset value to the HPF, disable and re-enable the
high-pass filter. See the HPF Stage section for more details.
Table 8-8. Offset Calibration Values
OFFSET[31:0]
CALIBRATED OUTPUT CODE (1)
00007Fh
FFFF8100h
000000h
00000000h
FFFF7Fh
00008100h
(1)
Ideal code value with no offset error.
8.4.6.2 GAIN Register
Gain correction is through a 24-bit word, consisting of three 8-bit registers (high address = MSB). The gain value
is 24 bits, coded in straight binary and normalized to 1.0 for GAIN[23:0] equal to 400000h. With a calibration
signal applied, gain error is calibrated by either the gain calibration command, or by collecting ADC data and
writing a computed value to the gain registers. Table 8-9 lists examples of the GAIN[23:0] register values.
Although the range of gain values can be much greater or less than 1, the sum of offset and gain correction must
not exceed 106% of the uncalibrated range.
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com