Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 9Page - Texas Instruments ADS1285 Datasheet HTML 10Page - Texas Instruments ADS1285 Datasheet HTML 11Page - Texas Instruments ADS1285 Datasheet HTML 12Page - Texas Instruments ADS1285 Datasheet HTML 13Page - Texas Instruments ADS1285 Datasheet HTML 14Page - Texas Instruments ADS1285 Datasheet HTML 15Page - Texas Instruments ADS1285 Datasheet HTML 16Page - Texas Instruments ADS1285 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
6.9 Typical Characteristics
at TA = 25°C, AVDD1 = 5 V, AVSS = 0 V, AVDD2 = 2.5 V, IOVDD = 1.8 V, fCLK = 8.192 MHz (4.096 MHz low-power mode),
VREFP = 4.096 V, VREFN = 0 V, PGA gain = 1, VCM = 2.5 V, fDATA = 500 SPS (unless otherwise noted)
Frequency (Hz)
0
25
50
75
100 125 150 175 200 225 250
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Shorted input, PGA gain = 1
Figure 6-9. High-Power Mode FFT Spectrum
Frequency (Hz)
0
25
50
75
100 125 150 175 200 225 250
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Shorted input, PGA gain = 8
Figure 6-10. High-Power Mode FFT Spectrum
Frequency (Hz)
0
25
50
75
100 125 150 175 200 225 250
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Shorted input, PGA gain = 1, VREF = 2.5 V, AVDD1 = 3.3 V
Figure 6-11. High-Power Mode FFT Spectrum
Frequency (Hz)
0
5
10
15
20
25
30
35
40
45
50
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Buffer operation
PGA gain = 1 operation
RS = 1 kΩ
Figure 6-12. High-Power Mode FFT Spectrum
Frequency (Hz)
0
25
50
75
100 125 150 175 200 225 250
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
fIN = 31.25 Hz, VIN = –0.5 dBFS, PGA gain = 1
Figure 6-13. High-Power Mode FFT Spectrum
Frequency (Hz)
0
25
50
75
100 125 150 175 200 225 250
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
fIN = 31.25 Hz, VIN = –20 dBFS, PGA gain = 1
Figure 6-14. High-Power Mode FFT Spectrum
www.ti.com
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com