Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 3Page - Texas Instruments ADS1285 Datasheet HTML 4Page - Texas Instruments ADS1285 Datasheet HTML 5Page - Texas Instruments ADS1285 Datasheet HTML 6Page - Texas Instruments ADS1285 Datasheet HTML 7Page - Texas Instruments ADS1285 Datasheet HTML 8Page - Texas Instruments ADS1285 Datasheet HTML 9Page - Texas Instruments ADS1285 Datasheet HTML 10Page - Texas Instruments ADS1285 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
6.5 Electrical Characteristics (continued)
minimum and maximum specifications over –40°C to +85°C; typical specifications are at 25°C; all specifications are at
AVDD1 = 5 V, AVDD2 = 2.5 V to 5 V, AVSS = 0 V, IOVDD = 1.8 V, VREFP = 4.096 V, VREFN = 0 V, VCM = 2.5 V, PGA gain = 1,
fCLK = 8.192 MHz (4.096 MHz low-power mode) and fDATA = 500 SPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
en-MOD
Modulator voltage noise density VREF = 4.096 V
25
nV/√Hz
THD
Total harmonic distortion
High-power mode,
VREF = 2.5 V,
AVDD1 = 3.3 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–123
-114
dB
PGA gain = 2
–119
PGA gain = 4
–125
-116
PGA gain = 8
–124
PGA gain = 16
–123
-116
PGA gain = 32 and 64
–125
Mid-power mode,
VREF = 2.5 V,
AVDD1 = 3.3 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–122
-113
dB
PGA gain = 2
–120
PGA gain = 4
–125
-118
PGA gain = 8
–124
PGA gain = 16
–123
-115
PGA gain = 32 and 64
–125
Low-power mode,
VREF = 2.5 V,
AVDD1 = 3.3 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–124
-117
dB
PGA gain = 2
–122
PGA gain = 4
–124
-116
PGA gain = 8
–125
PGA gain = 16
–123
-115
PGA gain = 32 and 64
–124
High-power mode,
VREF = 4.096 V,
AVDD1 = 5 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–119
-114
dB
PGA gain = 1
–119
-111
PGA gain = 2
–125
PGA gain = 4
–122
-114
PGA gain = 8
–118
PGA gain = 16
–117
-111
PGA gain = 32 and 64
–125
Mid-power mode,
VREF = 4.096 V,
AVDD1 = 5 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–119
-112
dB
PGA gain = 1
–119
-111
PGA gain = 2
–125
PGA gain = 4
–124
-115
PGA gain = 8
–119
PGA gain = 16
–117
-111
PGA gain = 32 and 64
–124
Low-power mode,
VREF = 4.096 V,
AVDD1 = 5 V,
AVSS = 0 V,
fIN = 31.25 Hz,
VIN = –0.5 dBFS
Buffer operation
–123
-117
dB
PGA gain = 1
–121
-115
PGA gain = 2
–124
PGA gain = 4
–125
-115
PGA gain = 8
–122
PGA gain = 16
–121
-113
PGA gain = 32 and 64
–123
SFDR
Spurious-free dynamic range
fIN = 31.25 Hz, VIN = –0.5 dBFS
115
dB
Crosstalk
fIN = 31.25 Hz, VIN = –0.5 dBFS
–140
dB
www.ti.com
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com