Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1285 Datasheet HTML 20Page - Texas Instruments ADS1285 Datasheet HTML 21Page - Texas Instruments ADS1285 Datasheet HTML 22Page - Texas Instruments ADS1285 Datasheet HTML 23Page - Texas Instruments ADS1285 Datasheet HTML 24Page - Texas Instruments ADS1285 Datasheet HTML 25Page - Texas Instruments ADS1285 Datasheet HTML 26Page - Texas Instruments ADS1285 Datasheet HTML 27Page - Texas Instruments ADS1285 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
Table 7-1. High-Power Mode Noise Performance (VREF = 4.096 V, AVDD1 = 5 V, RS = 0 Ω)
GAIN
MODE
DYNAMIC RANGE (dB)
en, INPUT-REFERRED NOISE (μVRMS)
fDATA
fDATA
250
500
1000
2000
4000
250
500
1000
2000
4000
1
Buffer
135
132
129
126
123
0.31
0.44
0.63
0.89
1.25
1
PGA
137
134
131
128
125
0.25
0.35
0.50
0.70
0.99
2
PGA
136
133
130
127
124
0.14
0.20
0.28
0.39
0.56
4
PGA
134
131
128
125
122
0.09
0.12
0.18
0.25
0.35
8
PGA
130
127
124
121
118
0.07
0.10
0.14
0.20
0.28
16
PGA
126
123
120
117
114
0.06
0.08
0.11
0.16
0.22
32
PGA
120
117
114
111
108
0.06
0.08
0.11
0.16
0.22
64
PGA
114
111
108
105
102
0.06
0.08
0.11
0.16
0.22
Table 7-2. Mid-Power Mode Noise Performance (VREF = 4.096 V, AVDD1 = 5 V, RS = 0 Ω)
GAIN
MODE
DYNAMIC RANGE (dB)
en, INPUT-REFERRED NOISE (μVRMS)
fDATA
fDATA
250
500
1000
2000
4000
250
500
1000
2000
4000
1
Buffer
135
132
129
126
123
0.31
0.44
0.63
0.89
1.25
1
PGA
137
134
131
128
125
0.25
0.35
0.50
0.70
0.99
2
PGA
135
132
129
126
123
0.16
0.22
0.31
0.44
0.63
4
PGA
133
130
127
124
121
0.10
0.14
0.20
0.28
0.39
8
PGA
128
125
122
119
116
0.09
0.12
0.18
0.25
0.35
16
PGA
123
120
117
114
111
0.08
0.11
0.16
0.22
0.31
32
PGA
117
114
111
108
105
0.08
0.11
0.16
0.22
0.31
64
PGA
111
108
105
102
99
0.08
0.11
0.16
0.22
0.31
Table 7-3. Low-Power Mode Noise Performance (VREF = 4.096 V, AVDD1 = 5 V, RS = 0 Ω)
GAIN
MODE
DYNAMIC RANGE (dB)
en, INPUT-REFERRED NOISE (μVRMS)
fDATA
fDATA
125
250
500
1000
2000
125
250
500
1000
2000
1
Buffer
135
132
129
126
123
0.31
0.44
0.63
0.89
1.25
1
PGA
138
135
132
129
126
0.22
0.31
0.44
0.63
0.89
2
PGA
137
134
131
128
125
0.12
0.18
0.25
0.35
0.50
4
PGA
135
132
129
126
123
0.08
0.11
0.16
0.22
0.31
8
PGA
131
128
125
122
119
0.06
0.09
0.12
0.18
0.25
16
PGA
126
123
120
117
114
0.06
0.08
0.11
0.16
0.22
32
PGA
120
117
114
111
108
0.06
0.08
0.11
0.16
0.22
64
PGA
114
111
108
105
102
0.06
0.08
0.11
0.16
0.22
Table 7-4. High-Power Mode Noise Performance (VREF = 2.5 V, AVDD1 = 3.3 V, RS = 0 Ω)
GAIN
MODE
DYNAMIC RANGE (dB)
en, INPUT-REFERRED NOISE (μVRMS)
fDATA
fDATA
250
500
1000
2000
4000
250
500
1000
2000
4000
1
Buffer
135
132
129
126
123
0.31
0.44
0.63
0.89
1.25
1(1)
PGA
128
125
122
119
116
0.35
0.50
0.70
0.99
1.40
2
PGA
133
130
127
124
121
0.20
0.28
0.39
0.56
0.79
4
PGA
132
129
126
123
120
0.11
0.16
0.22
0.31
0.44
8
PGA
129
126
123
120
117
0.08
0.11
0.16
0.22
0.31
16
PGA
125
122
119
116
113
0.06
0.09
0.12
0.18
0.25
32
PGA
119
116
113
110
107
0.06
0.09
0.12
0.17
0.25
64
PGA
113
110
107
104
101
0.06
0.09
0.12
0.17
0.25
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com