Electronic Components Datasheet Search
  English  ▼

X  

ADS1285 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1285
Description  ADS1285 32-Bit, Delta-Sigma ADC for Seismic Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1285 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1285 Datasheet HTML 1Page - Texas Instruments ADS1285 Datasheet HTML 2Page - Texas Instruments ADS1285 Datasheet HTML 3Page - Texas Instruments ADS1285 Datasheet HTML 4Page - Texas Instruments ADS1285 Datasheet HTML 5Page - Texas Instruments ADS1285 Datasheet HTML 6Page - Texas Instruments ADS1285 Datasheet HTML 7Page - Texas Instruments ADS1285 Datasheet HTML 8Page - Texas Instruments ADS1285 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
5 Pin Configuration and Functions
1
AIN1P
24
DOUT
2
AIN1N
23
DIN
3
AIN2P
22
SCLK
4
AIN2N
21
CS
5
CAPP
20
CLK
6
CAPN
19
IOVDD
7
CAPBP
18
DGND
8
CAPBN
17
CAPD
Not to scale
Thermal pad
Figure 5-1. RHB Package, 32-Pin, 5-mm × 5-mm VQFN (Top View)
Table 5-1. Pin Functions
PIN
FUNCTION
DESCRIPTION
NO.
NAME
1
AIN1P
Analog input
Channel 1 positive input
2
AIN1N
Analog input
Channel 1 negative input
3
AIN2P
Analog input
Channel 2 positive input
4
AIN2N
Analog input
Channel 2 negative input
5
CAPP
Analog internal
PGA positive capacitor. Connect a 10-nF C0G capacitor across CAPP and CAPN.
6
CAPN
Analog internal
PGA negative capacitor. Connect a 10-nF C0G capacitor across CAPP and CAPN.
7
CAPBP
Analog internal
Buffer positive capacitor. Connect a 47-nF C0G capacitor to AVSS.
8
CAPBN
Analog internal
Buffer negative capacitor. Connect a 47-nF C0G capacitor to AVSS.
9
CAPC
Analog internal
Charge-pump capacitor. Connect a 4.7-nF, minimum 10-V rated capacitor to AGND.
10
AVSS
Analog supply
PGA negative analog supply. See the Analog Power Supplies section for details.
11
AVDD1
Analog supply
PGA positive analog supply. See the Analog Power Supplies section for details.
12
AVDD2
Analog supply
Modulator analog supply. See the Analog Power Supplies section for details.
13
AGND
Analog ground
Analog ground
14
CAPI
Analog internal
Input bias capacitor. Connect a 100-nF ceramic capacitor to AGND.
15
GPIO0
Digital I/O
General-purpose I/O
16
GPIO1
Digital I/O
General-purpose I/O
17
CAPD
Analog output
Digital low-dropout regulator (LDO) output. Connect a 220-nF ceramic capacitor to DGND.
18
DGND
Ground
Digital ground
19
IOVDD
Digital supply
Digital I/O power supply. See the IOVDD Power Supply section for details.
20
CLK
Digital input
ADC clock input
21
CS
Digital input
Serial interface select, active low
22
SCLK
Digital input
Serial interface clock
23
DIN
Digital input
Serial interface data in
24
DOUT
Digital output
Serial interface data out
25
DRDY
Digital output
Data ready, active low
26
SYNC
Digital input
ADC synchronization, active high
27
RESET
Digital input
ADC reset, active low
28
PWDN
Digital input
ADC power down, active low
29
REFN
Analog input
Negative reference input. See the Voltage Reference Input section for details.
30
REFP
Analog input
Positive reference input. See the Voltage Reference Input section for details.
31
CAPR
Analog internal
Reference bias capacitor. Connect a 100-nF ceramic capacitor to AVSS.
32
AVSS
Analog supply
PGA negative supply
Thermal pad
Connect the thermal pad to AVSS. Thermal vias placed in the printed circuit board (PCB) land are optional for placement of bottom
side components.
www.ti.com
ADS1285
SBAS559A – MAY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ADS1285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com