Electronic Components Datasheet Search
  English  ▼

X  

MAX2 Datasheet(PDF) 101 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 101 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 97Page - Altera Corporation MAX2 Datasheet HTML 98Page - Altera Corporation MAX2 Datasheet HTML 99Page - Altera Corporation MAX2 Datasheet HTML 100Page - Altera Corporation MAX2 Datasheet HTML 101Page - Altera Corporation MAX2 Datasheet HTML 102Page - Altera Corporation MAX2 Datasheet HTML 103Page - Altera Corporation MAX2 Datasheet HTML 104Page - Altera Corporation MAX2 Datasheet HTML 105Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 297 page
background image
© August 2009
Altera Corporation
MAX II Device Handbook
6. Reference and Ordering Information
Software
MAX® II devices are supported by the Altera® Quartus® II design software with new,
optional MAX+PLUS® II look and feel, which provides HDL and schematic design
entry, compilation and logic synthesis, full simulation and advanced timing analysis,
and device programming. Refer to the Design Software Selector Guide for more
details about the Quartus II software features.
The Quartus II software supports the Windows XP/2000/NT, Sun Solaris, Linux Red
Hat v8.0, and HP-UX operating systems. It also supports seamless integration with
industry-leading EDA tools through the NativeLink interface.
Device Pin-Outs
Printed device pin-outs for MAX II devices are available on the Altera website
(www.altera.com).
Ordering Information
Figure 6–1 describes the ordering codes for MAX II devices. For more information
about a specific package, refer to the Package Information chapter in the MAX II Device
Handbook.
Figure 6–1. MAX II Device Packaging Ordering Information
Package Type
T:
F:
Thin quad flat pack (TQFP)
FineLine BGA
240:
570:
1270:
2210:
Speed Grade
Family Signature
EPM:
MAX II
Operating Temperature
Pin Count
Device Type
240 Logic Elements
570 Logic Elements
1,270 Logic Elements
2,210 Logic Elements
ES:
Optional Suffix
Engineering sample
Indicates specific device
options or shipment method
3, 4, 5, 6, 7, or 8, with 3 being the fastest
Number of pins for a particular package
C:
I:
A:
Commercial temperature (T
J
= 0
° C to 85° C)
Industrial temperature (T
J
= -40
° C to 100° C)
Automotive temperature (T
J
= -40
° C to 125° C)
EPM
240
G
T
100
C
3
ES
Product-Line Suffix
G:
Z:
Blank (no identifier):
Indicates device type
1.8-V V
CCINT low-power device
1.8-V V
CCINT zero-power device
2.5-V or 3.3-V V
CCINT device
N: Lead-free packaging
M: Micro FineLine BGA
MII51006-1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com