Electronic Components Datasheet Search
  English  ▼

X  

MAX2 Datasheet(PDF) 105 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 105 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 101Page - Altera Corporation MAX2 Datasheet HTML 102Page - Altera Corporation MAX2 Datasheet HTML 103Page - Altera Corporation MAX2 Datasheet HTML 104Page - Altera Corporation MAX2 Datasheet HTML 105Page - Altera Corporation MAX2 Datasheet HTML 106Page - Altera Corporation MAX2 Datasheet HTML 107Page - Altera Corporation MAX2 Datasheet HTML 108Page - Altera Corporation MAX2 Datasheet HTML 109Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 297 page
background image
© October 2008
Altera Corporation
MAX II Device Handbook
7. Package Information
Introduction
This chapter provides package information for Altera’s MAX® II devices, and includes
these sections:
■
“Board Decoupling Guidelines” on page 7–1
■
“Device and Package Cross Reference” on page 7–1
■
“Thermal Resistance” on page 7–2
■
“Package Outlines” on page 7–3
In this chapter, packages are listed in order of ascending pin count. See Figure 7–1
through 7–17.
Board Decoupling Guidelines
Decoupling requirements are based on the amount of logic used in the device and the
output switching requirements. As the number of I/O pins and the capacitive load on
the pins increase, more decoupling capacitance is required. As many as possible 0.1-
mF power-supply decoupling capacitors should be connected to the VCC and GND
pins or the VCC and GND planes. These capacitors should be located as close as
possible to the MAX II device. Each VCCINT/GNDINT and VCCIO/GNDIO pair should
be decoupled with a 0.1-mF capacitor. When using high-density packages, such as
ball-grid array (BGA) packages, it may not be possible to use one decoupling
capacitor per VCC/GND pair. In this case, you should use as many decoupling
capacitors as possible. For less dense designs, a reduction in the number of capacitors
may be acceptable. Decoupling capacitors should have a good frequency response,
such as monolithic-ceramic capacitors.
Device and Package Cross Reference
Table 7–1 shows which Altera® MAX II devices are available in thin quad flat pack
(TQFP), FineLine BGA (FBGA), and Micro Fineline BGA (MBGA) packages.
Table 7–1. MAX II Devices in TQFP, FineLine BGA, and Micro FineLine BGA Packages (Part 1 of 2)
Device
Package
Pin
EPM240Z
MBGA (1)
68
EPM240
EPM240G
FBGA (1)
100
EPM240
EPM240G
EPM240Z
MBGA (1)
100
EPM240
EPM240G
TQFP
100
MII51007-2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com