Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 4 Page - Texas Instruments

  DP83848-HT Datasheet HTML 1Page - Texas Instruments DP83848-HT Datasheet HTML 2Page - Texas Instruments DP83848-HT Datasheet HTML 3Page - Texas Instruments DP83848-HT Datasheet HTML 4Page - Texas Instruments DP83848-HT Datasheet HTML 5Page - Texas Instruments DP83848-HT Datasheet HTML 6Page - Texas Instruments DP83848-HT Datasheet HTML 7Page - Texas Instruments DP83848-HT Datasheet HTML 8Page - Texas Instruments DP83848-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
DP83848-HT
SLLSEJ7 – FEBRUARY 2015
www.ti.com
Bond Pin Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
TX_CLK
1
70.339
1149.962
133.368
1212.499
TX_EN
2
71.466
1074.524
134.495
1137.061
TXD_0
3
74.847
997.96
137.875
1060.497
TXD_1
4
72.593
923.648
135.621
986.185
TXD_2
5
72.593
850.461
135.621
912.998
TXD_3/SNI_MODE
6
73.72
724.356
136.748
786.893
PWR_DOWN/INT
7
74.847
652.295
137.875
714.832
TCK
8
72.812
527.247
135.841
589.783
TDO
9
75.657
453.341
138.686
515.878
TMS
10
74.235
376.592
137.263
439.129
TRST
11
69.967
304.108
132.996
366.645
TDI
12
74.235
228.781
137.263
291.318
RD-
13
322.955
49.09
385.984
111.627
RD+
14
402.74
49.09
465.768
111.627
AGND
15
476.319
48.204
539.348
110.741
AGND
16
553.445
49.09
616.473
111.627
TD-
17
625.251
51.748
688.279
114.285
TD+
18
702.376
50.862
765.405
113.399
PFBIN1
19
776.842
50.862
839.87
113.399
AGND
20
852.194
51.748
915.223
114.285
RESERVED
21
927.068
53.532
990.096
116.069
RESERVED
22
1001.534
51.76
1064.562
114.297
AVDD33
23
1076.886
51.76
1139.914
114.297
PFBOUT
24
1155.784
51.76
1218.813
114.297
RBIAS
25
1230.25
51.76
1293.279
114.297
25MHz_OUT
26
1455.826
212.106
1518.855
274.643
LED_ACT/COL/AN_EN
27
1457.926
285.53
1520.954
348.067
LED_SPEED/AN1
28
1455.826
409.302
1518.855
471.839
LED_LINK/AN0
29
1457.291
481.851
1520.319
544.388
RESET_N
30
1457.99
557.373
1521.019
619.91
MDIO
31
1456.591
655.971
1519.619
718.508
MDC
32
1457.99
730.794
1521.019
793.331
IOVDD33
33
1458.752
830.293
1521.781
892.83
X2
34
1458.752
907.287
1521.781
969.824
X1
35
1457.18
981.924
1520.208
1044.461
IOGND
36
1457.18
1076.987
1520.208
1139.524
DGND
37
1458.769
1150.513
1521.797
1213.05
PFBIN2
38
1205.966
1405.764
1268.995
1468.301
RX_CLK
39
1127.754
1407.005
1190.782
1469.542
RX_DV/MII_MODE
40
1052.024
1405.764
1115.053
1468.301
CRS/CRS_DV/LED_CFG
41
978.157
1405.764
1041.185
1468.301
RX_ER/MDIX_EN
42
903.668
1407.625
966.697
1470.162
COL/PHYAD0
43
804.841
1407.148
867.869
1469.685
RXD_0/PHYAD1
44
727.429
1407.148
790.457
1469.685
RXD_1/PHYAD2
45
629.094
1406.451
692.123
1468.988
RXD_2/PHYAD3
46
554.472
1407.148
617.5
1469.685
RXD_3/PHYAD4
47
474.967
1407.148
537.996
1469.685
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com