Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 8Page - Texas Instruments DP83848-HT Datasheet HTML 9Page - Texas Instruments DP83848-HT Datasheet HTML 10Page - Texas Instruments DP83848-HT Datasheet HTML 11Page - Texas Instruments DP83848-HT Datasheet HTML 12Page - Texas Instruments DP83848-HT Datasheet HTML 13Page - Texas Instruments DP83848-HT Datasheet HTML 14Page - Texas Instruments DP83848-HT Datasheet HTML 15Page - Texas Instruments DP83848-HT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
PMD output pair
T2.8.1
T2.8.1
T2.8.1
T2.8.1
+1 rise
+1 fall
–1 fall
–1 rise
eye pattern
T2.8.2
T2.8.2
90%
10%
10%
90%
PMD output pair
DP83848-HT
SLLSEJ7 – FEBRUARY 2015
www.ti.com
Table 8. 100BASE-TX Transmit Timing (tR/F & Jitter)
PARAMETER
NOTES(1)(2)
MIN
TYP
MAX
UNIT
T2.8.1
100 Mb/s PMD output pair tR and tF
2.6
4
5.5
ns
100 Mb/s tR and tF mismatch
710
ps
T2.8.2(3)
100 Mb/s PMD output pair transmit jitter
1.4
ns
(1)
Normal Mismatch is the difference between the maximum and minimum of all rise and fall times.
(2)
Rise and fall times taken at 10% and 90% of the +1 or –1 amplitude.
(3)
Specified from –40°C to 125°C.
Figure 8. 100BASE-TX Transmit Timing (tR/F and Jitter)
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com