Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 59 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 55Page - Texas Instruments DP83848-HT Datasheet HTML 56Page - Texas Instruments DP83848-HT Datasheet HTML 57Page - Texas Instruments DP83848-HT Datasheet HTML 58Page - Texas Instruments DP83848-HT Datasheet HTML 59Page - Texas Instruments DP83848-HT Datasheet HTML 60Page - Texas Instruments DP83848-HT Datasheet HTML 61Page - Texas Instruments DP83848-HT Datasheet HTML 62Page - Texas Instruments DP83848-HT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
DP83848-HT
www.ti.com
SLLSEJ7 – FEBRUARY 2015
8.6.3.5 Receiver Error Counter Register (RECR)
This counter provides information required to implement the “Symbol Error During Carrier” attribute within the
PHY managed object class of Clause 30 of the IEEE 802.3u specification.
Table 51. Receiver Error Counter Register (RECR), Address 0x15
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
RX_ER Counter:
When a valid carrier is present and there is at least one occurrence of
an invalid data symbol, this 8-bit counter increments for each receive
7:0
RXERCNT[7:0]
0, RO/COR
error detected. This event can increment only once per valid carrier
event. If a collision is present, the attribute will not increment. The
counter sticks when it reaches its max count.
8.6.3.6 100 Mb/s PCS Configuration and Status Register (PCSR)
This register contains event status and enables for the interrupt function. If an event has occurred since the last
read of this register, the corresponding status bit will be set. If the corresponding enable bit in the register is set,
an interrupt will be generated if the event occurs. The MICR register controls must also be set to allow interrupts.
The status indications in this register will be set even if the interrupt is not enabled.
Table 52. 100 Mb/s PCS Configuration and Status Register (PCSR), Address 0x16
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
<00>, RO
RESERVED: Writes ignored, Read as 0
12
RESERVED
0
RESERVED: Must be zero
11
RESERVED
0
RESERVED: Must be zero
100Mbs True Quiet Mode Enable:
10
TQ_EN
0, RW
1 = Transmit True Quiet Mode
0 = Normal Transmit Mode
Signal Detect Force PMA:
9
SD FORCE PMA
0, RW
1 = Forces Signal Detection in PMA
0 = Normal SD operation
Signal Detect Option:
8
SD_OPTION
1, RW
1 = Enhanced signal detect algorithm
0 = Reduced signal detect algorithm
Descrambler Timeout:
Increase the descrambler timeout. When set this should allow the
device to receive larger packets (>9k bytes) without loss of
7
DESC_TIME
0, RW
synchronization.
1 = 2 ms
0 = 722 µs (per ANSI X3.263: 1995 (TP-PMD) 7.2.3.3e)
6
RESERVED
0
RESERVED: Must be zero
Force 100Mb/s Good Link:
5
FORCE_100_OK
0, RW
1 = Forces 100Mb/s Good Link
0 = Normal 100Mb/s operation
4
RESERVED
0
RESERVED: Must be zero
3
RESERVED
0
RESERVED: Must be zero
NRZI Bypass Enable:
2
NRZI_BYPASS
0, RW
1 = NRZI Bypass Enabled
0 = NRZI Bypass Disabled
1
RESERVED
0
RESERVED: Must be zero
0
RESERVED
0
RESERVED: Must be zero
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com