Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 12Page - Texas Instruments DP83848-HT Datasheet HTML 13Page - Texas Instruments DP83848-HT Datasheet HTML 14Page - Texas Instruments DP83848-HT Datasheet HTML 15Page - Texas Instruments DP83848-HT Datasheet HTML 16Page - Texas Instruments DP83848-HT Datasheet HTML 17Page - Texas Instruments DP83848-HT Datasheet HTML 18Page - Texas Instruments DP83848-HT Datasheet HTML 19Page - Texas Instruments DP83848-HT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
TX_CLK
TX_EN
PWD output pair
PMD output pair
0
0
T2.16.1
T2.16.2
1
1
TX_CLK
TX_EN
TXD
PMD output pair
T2.15.2
T2.15.1
DP83848-HT
SLLSEJ7 – FEBRUARY 2015
www.ti.com
Table 15. 10BASE-T Transmit Timing (Start of Packet)
PARAMETER
NOTES
MIN
TYP
MAX
UNIT
T2.15.1
Transmit output delay from the falling edge of
10 Mb/s MII mode
3.5
bits
TX_CLK
T2.15.2
Transmit output delay from the rising edge of
10 Mb/s Serial mode
3.5
bits
TX_CLK
Figure 15. 10BASE-T Transmit Timing (Start of Packet)
Table 16. 10BASE-T Transmit Timing (End of Packet)
PARAMETER
NOTES
MIN
TYP
MAX
UNIT
T2.16.1
End of packet high time (with ‘0’ ending bit)
300
ns
T2.16.2
End of packet high time (with ‘1’ ending bit)
300
ns
Figure 16. 10BASE-T Transmit Timing (End of Packet)
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com