Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 19 Page - Texas Instruments

Back Button DP83848-HT Datasheet HTML 15Page - Texas Instruments DP83848-HT Datasheet HTML 16Page - Texas Instruments DP83848-HT Datasheet HTML 17Page - Texas Instruments DP83848-HT Datasheet HTML 18Page - Texas Instruments DP83848-HT Datasheet HTML 19Page - Texas Instruments DP83848-HT Datasheet HTML 20Page - Texas Instruments DP83848-HT Datasheet HTML 21Page - Texas Instruments DP83848-HT Datasheet HTML 22Page - Texas Instruments DP83848-HT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
SD+ internal
PMD Input Pair
T2.23.1
T2.23.2
Fast link pulses
T2.22.1
T2.22.3
T2.22.2
T2.22.1
T2.22.5
T2.22.4
clock
pulse
clock
pulse
data
pulse
FLP burst
FLP burst
DP83848-HT
www.ti.com
SLLSEJ7 – FEBRUARY 2015
Table 22. Auto-Negotiation Fast Link Pulse (FLP) Timing (continued)
PARAMETER
NOTES
MIN
TYP
MAX
UNIT
T2.22.3
Clock pulse to data pulse period
Data = 1
62
μs
T2.22.4
Burst width
2
ms
T2.22.5
FLP burst to FLP burst period
16
ms
Figure 22. Auto-Negotiation Fast Link Pulse (FLP) Timing
Table 23. 100BASE-TX Signal Detect Timing
PARAMETER
NOTES(1)
MIN
TYP
MAX
UNIT
T2.23.1
SD internal turn-on time
1
ms
T2.23.2
SD internal turn-off time
350
µs
(1)
The signal amplitude on PMD Input Pair must be TP-PMD compliant.
Figure 23. 100BASE-TX Signal Detect Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com