Electronic Components Datasheet Search
  English  ▼

X  

DP83848-HT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 1 Page - Texas Instruments

  DP83848-HT Datasheet HTML 1Page - Texas Instruments DP83848-HT Datasheet HTML 2Page - Texas Instruments DP83848-HT Datasheet HTML 3Page - Texas Instruments DP83848-HT Datasheet HTML 4Page - Texas Instruments DP83848-HT Datasheet HTML 5Page - Texas Instruments DP83848-HT Datasheet HTML 6Page - Texas Instruments DP83848-HT Datasheet HTML 7Page - Texas Instruments DP83848-HT Datasheet HTML 8Page - Texas Instruments DP83848-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
MPU/CPU
MII/RMII/SNI
DP83848
10/100 MB/S
10Base-T
or
100Base-T
Status
LEDs
25-MHZ
Clock
Source
Typical Application
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DP83848-HT
SLLSEJ7 – FEBRUARY 2015
DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical
Layer Transceiver
1 Features
–
Extended Temperature Range (–55°C to
150°C)
1
•
Low-Power 3.3-V, 0.18-
μm CMOS Technology
–
Extended Product Life Cycle
•
Low Power Consumption <270 mW Typical
–
Extended Product-Change Notification
•
3.3-V MAC Interface
–
Product Traceability
•
Auto-MDIX for 10/100 Mb/s
•
Energy Detection Mode
2 Applications
•
25-MHz Clock Out
•
Automotive and Transportation
•
SNI Interface (Configurable)
•
Industrial Controls and Factory Automation
•
RMII Rev. 1.2 Interface (Configurable)
•
General Embedded Applications
•
MII Serial Management Interface (MDC and
MDIO)
3 Description
•
IEEE 802.3u MII
The
number
of
applications
requiring
ethernet
•
IEEE 802.3u Auto-Negotiation and Parallel
connectivity continues to increase. Along with this
Detection
increased market demand is a change in application
requirements. The DP83848 was designed to allow
•
IEEE 802.3u ENDEC, 10BASE-T Transceivers
ethernet connectivity in the harshest environments.
and Filters
This device is ideally suited for harsh environments
•
IEEE 802.3u PCS, 100BASE-TX Transceivers
for
example
wireless
remote
base
stations,
and Filters
automotive,
transportation
and
industrial
control
•
IEEE 1149.1 JTAG
applications.
•
Integrated ANSI X3.263 Compliant TP-PMD
The DP83848 is a highly-reliable, feature-rich robust
Physical Sublayer With Adaptive Equalization and
device which includes enhanced ESD protection, MII
Baseline Wander Compensation
and RMII for maximum flexibility in MPU selection.
•
Error-Free Operation up to 150 Meters
The
DP83848
features
integrated
sublayers
to
•
Programmable LED Support Link, 10 /100 Mb/s
support both 10BASE-T and 100BASE-TX Ethernet
protocols,
which
ensures
compatibility
and
Mode, Activity, and Collision Detect
interoperability
with
all
other
standards
based
•
Single Register Access for Complete PHY Status
Ethernet solutions.
•
10/100 Mb/s Packet BIST (Built-in Self Test)
•
Supports Defense, Aerospace, and Medical
Device Information(1)
Applications
PART NUMBER
DIE
DIE SIZE (NOM)
–
Controlled Baseline
DP83848-HT
KGD (49)
1592 µm × 1532 µm
–
One Assembly and Test Site
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
–
One Fabrication Site
4 Typical System Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DP83848-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
DP83848-HT TI2-DP83848-HT Datasheet
1Mb / 81P
DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
FEBRUARY 2015
More results

Similar Description - DP83848-HT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848YB NSC-DP83848YB Datasheet
2Mb / 82P
PHYTER - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848Q TI1-DP83848Q Datasheet
974Kb / 74P
PHYTER Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V02 Datasheet
2Mb / 98P
DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com