Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP63201Q Datasheet HTML 1Page - Diodes Incorporated AP63201Q Datasheet HTML 2Page - Diodes Incorporated AP63201Q Datasheet HTML 3Page - Diodes Incorporated AP63201Q Datasheet HTML 4Page - Diodes Incorporated AP63201Q Datasheet HTML 5Page - Diodes Incorporated AP63201Q Datasheet HTML 6Page - Diodes Incorporated AP63201Q Datasheet HTML 7Page - Diodes Incorporated AP63201Q Datasheet HTML 8Page - Diodes Incorporated AP63201Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
1 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Description
The AP63200Q/AP63201Q/AP63203Q/AP63205Q is an automotive-
compliant, 2A, synchronous buck converter with a wide input voltage
range of 3.8V to 32V. The device fully integrates a 125
mΩ high-side
power MOSFET and a 68
mΩ low-side power MOSFET to provide
high-efficiency step-down DC-DC conversion.
The AP63200Q/AP63201Q/AP63203Q/AP63205Q device is easily
used by minimizing the external component count due to its adoption
of peak current mode control along with its integrated loop
compensation network.
The AP63200Q/AP63201Q/AP63203Q/AP63205Q design is optimized
for Electromagnetic Interference (EMI) reduction. The device has a
proprietary gate driver scheme to resist switching node ringing without
sacrificing MOSFET turn-on and turn-off times, which reduces high-
frequency radiated EMI noise caused by MOSFET switching. The
AP63200Q/AP63203Q/AP63205Q also features Frequency Spread
Spectrum (FSS) with a switching frequency jitter of ±6%, which
reduces EMI by not allowing emitted energy to stay in any one
frequency for a significant period of time.
The device is available in a TSOT26 package.
Features
AEC-Q100 Qualified for Automotive Applications
Device Temperature Grade 1: -40°C to +125°C TA Range
VIN: 3.8V to 32V
Output Voltage (VOUT)
 0.8V to VIN: AP63200Q and AP63201Q
 Fixed 3.3V: AP63203Q
 Fixed 5V: AP63205Q
2A Continuous Output Current
0.8V ±1% Reference Voltage
22µA Low Quiescent Current (Pulse Frequency Modulation)
Switching Frequency
 500kHz: AP63200Q and AP63201Q
 1100kHz: AP63203Q and AP63205Q
Supports Pulse Frequency Modulation (PFM)
AP63200Q, AP63203Q, and AP63205Q
Up to 88% Efficiency at 5mA Light Load
Pulse Width Modulation (PWM) Regardless of Output Load
AP63201Q
Proprietary Gate Driver Design for Best EMI Reduction
Frequency Spread Spectrum (FSS) to Reduce EMI
AP63200Q, AP63203Q, and AP63205Q
Low-Dropout (LDO) Mode
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
Undervoltage Lockout (UVLO)
Output Overvoltage Protection (OVP)
Cycle-by-Cycle Peak Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The AP63200Q, AP63201Q, AP63203Q, and AP63205Q are
suitable for automotive applications requiring specific
change control; these parts are AEC-Q100 qualified, PPAP
capable, and manufactured in IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
1
2
3
4
5
6
FB
EN
VIN
GND
SW
BST
TSOT26
(Top View)
Applications
Automotive Power Systems
Automotive Infotainment
Automotive Instrument Clusters
Automotive Body Electronics and Lighting
Automotive Telematics
Advanced Driver Assistance Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP63201Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63201Q DIODES-AP63201Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63201QWU-7 DIODES-AP63201QWU-7 Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
More results

Similar Description - AP63201Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP6320XQ DIODES-AP6320XQ Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP62200 DIODES-AP62200 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
January 2021
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP63300Q DIODES-AP63300Q Datasheet
1Mb / 22P
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 May 2021
AP64200Q DIODES-AP64200Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP66200 DIODES-AP66200 Datasheet
2Mb / 26P
3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
AP66200Q DIODES-AP66200Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com