Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 14Page - Diodes Incorporated AP63201Q Datasheet HTML 15Page - Diodes Incorporated AP63201Q Datasheet HTML 16Page - Diodes Incorporated AP63201Q Datasheet HTML 17Page - Diodes Incorporated AP63201Q Datasheet HTML 18Page - Diodes Incorporated AP63201Q Datasheet HTML 19Page - Diodes Incorporated AP63201Q Datasheet HTML 20Page - Diodes Incorporated AP63201Q Datasheet HTML 21Page - Diodes Incorporated AP63201Q Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
18 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Typical Performance Characteristics (AP63205Q @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 3, unless otherwise
specified.)
Figure 58. Efficiency vs. Output Current
Figure 59. Line Regulation
Figure 60. Load Regulation
Figure 61. Feedback Voltage vs. Temperature, IOUT = 1A
Figure 62. IQ vs. Temperature
Figure 63. fSW vs. Load
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 12V, L = 4.7
μH
VIN = 24V, L = 4.7
μH
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4
8
12
16
20
24
28
32
36
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
4.825
4.850
4.875
4.900
4.925
4.950
4.975
5.000
5.025
5.050
5.075
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
IOUT (A)
VIN = 12V
VIN = 24V
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
10
15
20
25
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
120
240
360
480
600
720
840
960
1080
1200
0.001
0.010
0.100
1.000
10.000
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com