Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 24 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 20Page - Diodes Incorporated AP63201Q Datasheet HTML 21Page - Diodes Incorporated AP63201Q Datasheet HTML 22Page - Diodes Incorporated AP63201Q Datasheet HTML 23Page - Diodes Incorporated AP63201Q Datasheet HTML 24Page - Diodes Incorporated AP63201Q Datasheet HTML 25Page - Diodes Incorporated AP63201Q Datasheet HTML 26Page - Diodes Incorporated AP63201Q Datasheet HTML 27Page - Diodes Incorporated AP63201Q Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
24 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Application Information (continued)
9
Power Derating Characteristics (continued)
For the TSOT26 package, the
θJA is 89°C/W. The actual junction temperature should not exceed the maximum recommended operating junction
temperature of +150°C when considering the thermal design. Figure 75 and Figure 76 show typical derating curves versus ambient temperature.
Figure 75. Output Current Derating Curve vs. Ambient Temperature, AP63200Q/AP63201Q, VIN = 12V
Figure 76. Output Current Derating Curve vs. Ambient Temperature, AP63203Q/AP63205Q, VIN = 12V
10
Setting the Output Voltage
The AP63200Q/AP63201Q has adjustable output voltages starting from 0.8V using an external resistive divider. An optional external capacitor, C4
in Figure 1, of 10pF to 220pF improves the transient response. The resistor values of the feedback network are selected based on a design trade-
off between efficiency and output voltage accuracy. There is less current consumption in the feedback network for high resistor values, which
improves efficiency at light loads. However, values too high cause the device to be more susceptible to noise affecting its output voltage accuracy.
R1 can be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 6
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
AP63203Q, VOUT = 3.3V
AP63205Q, VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com