Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 12Page - Diodes Incorporated AP63201Q Datasheet HTML 13Page - Diodes Incorporated AP63201Q Datasheet HTML 14Page - Diodes Incorporated AP63201Q Datasheet HTML 15Page - Diodes Incorporated AP63201Q Datasheet HTML 16Page - Diodes Incorporated AP63201Q Datasheet HTML 17Page - Diodes Incorporated AP63201Q Datasheet HTML 18Page - Diodes Incorporated AP63201Q Datasheet HTML 19Page - Diodes Incorporated AP63201Q Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
16 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Typical Performance Characteristics (AP63203Q @ TA = +25°C, VIN = 12V, VOUT = 3.3V, BOM = Table 2, unless
otherwise specified.) (continued)
Figure 49. Output Voltage Ripple, IOUT = 50mA
Figure 50. Output Voltage Ripple, IOUT = 2A
Figure 51. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 52. Load Transient, IOUT = 1A to 2A to 1A
Figure 53. Load Transient, IOUT = 50mA to 2A to 50mA
VOUTAC (50mV/div)
IL (500mA/div)
VSW (10V/div)
10
μs/div
VOUTAC (20mV/div)
IL (500mA/div)
VSW (10V/div)
2
μs/div
VOUTAC (100mV/div)
IOUT (500mA/div)
100μs/div
VOUTAC (100mV/div)
IOUT (1A/div)
100μs/div
VOUTAC (200mV/div)
IOUT (1A/div)
100μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com