Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 28 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 22Page - Diodes Incorporated AP63201Q Datasheet HTML 23Page - Diodes Incorporated AP63201Q Datasheet HTML 24Page - Diodes Incorporated AP63201Q Datasheet HTML 25Page - Diodes Incorporated AP63201Q Datasheet HTML 26Page - Diodes Incorporated AP63201Q Datasheet HTML 27Page - Diodes Incorporated AP63201Q Datasheet HTML 28Page - Diodes Incorporated AP63201Q Datasheet HTML 29Page - Diodes Incorporated AP63201Q Datasheet HTML 30Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
28 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Ordering Information
WU : TSOT26
AP6320XQ X - X
7 : Tape & Reel
0 : AP63200Q
1 : AP63201Q
3 : AP63203Q
5 : AP63205Q
Package
Packing
Product Version
Part Number
Output
Voltage
(V)
Switching
Frequency
(kHz)
Operation
Mode
FSS Feature Package Code
Tape and Reel
Quantity
Part Number
Suffix
AP63200QWU-7
Adjustable
500
PFM/PWM
Yes
WU
3,000
-7
AP63201QWU-7
Adjustable
500
PWM Only
No
WU
3,000
-7
AP63203QWU-7
3.3
1100
PFM/PWM
Yes
WU
3,000
-7
AP63205QWU-7
5.0
1100
PFM/PWM
Yes
WU
3,000
-7
Marking Information
TSOT26
1
2
3
6
4
XXX
Y W X
XXX : Identification Code
Y : Year 0~9
X : Internal Code
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP63200QWU-7
TSOT26
T2Q
AP63201QWU-7
TSOT26
T3Q
AP63203QWU-7
TSOT26
T4Q
AP63205QWU-7
TSOT26
T5Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com