Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 21Page - Diodes Incorporated AP63201Q Datasheet HTML 22Page - Diodes Incorporated AP63201Q Datasheet HTML 23Page - Diodes Incorporated AP63201Q Datasheet HTML 24Page - Diodes Incorporated AP63201Q Datasheet HTML 25Page - Diodes Incorporated AP63201Q Datasheet HTML 26Page - Diodes Incorporated AP63201Q Datasheet HTML 27Page - Diodes Incorporated AP63201Q Datasheet HTML 28Page - Diodes Incorporated AP63201Q Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
25 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Application Information (continued)
10
Setting the Output Voltage (continued)
Table 1 shows a list of recommended component selections for common AP63200Q/AP63201Q output voltages referencing Figure 1.
Table 1. Recommended Component Selections for AP63200Q/AP63201Q
AP63200Q/AP63201Q
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
C4
(pF)
1.2
15.0
30.1
3.3
10
3 x 22
100
100
1.5
26.1
30.1
4.7
10
3 x 22
100
100
1.8
37.4
30.1
4.7
10
2 x 22
100
100
2.5
63.4
30.1
6.8
10
2 x 22
100
100
3.3
93.1
30.1
6.8
10
2 x 22
100
100
5.0
158.0
30.1
10.0
10
2 x 22
100
100
12.0
422.0
30.1
15.0
10
2 x 22
100
56
The AP63203Q/AP63205Q has a fixed output voltage. Table 2 and Table 3 show the recommended component selections for AP63203Q and
AP63205Q referencing Figure 4.
Table 2. Recommended Component Selections for AP63203Q
AP63203Q
Output Voltage
(V)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
3.3
3.3
10
2 x 22
100
Table 3. Recommended Component Selections for AP63205Q
AP63203Q
Output Voltage
(V)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
5.0
4.7
10
2 x 22
100
11
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 7
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For the AP63200Q/AP63201Q/AP63203Q/AP63205Q
, choose ∆IL to be 30% to 40% of the maximum load current of 2A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 8
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 3.3µH to 15µH
with a DC current rating of at least 35% higher than the maximum load current. For highest
efficiency, the inductor’s DC resistance should be less
than 3
0mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com