Electronic Components Datasheet Search
  English  ▼

X  

AP63201Q Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 19Page - Diodes Incorporated AP63201Q Datasheet HTML 20Page - Diodes Incorporated AP63201Q Datasheet HTML 21Page - Diodes Incorporated AP63201Q Datasheet HTML 22Page - Diodes Incorporated AP63201Q Datasheet HTML 23Page - Diodes Incorporated AP63201Q Datasheet HTML 24Page - Diodes Incorporated AP63201Q Datasheet HTML 25Page - Diodes Incorporated AP63201Q Datasheet HTML 26Page - Diodes Incorporated AP63201Q Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
23 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Application Information (continued)
5
Adjusting Undervoltage Lockout (UVLO) (continued)
The resistive divider resistor values are calculated by:
������������ =
������. ������������������ ∙ ������������������ − ������������������������
������. ������������������������������
Eq. 2
������������ =
������. ������������ ∙ ������������
������������������������ − ������. ������������������ + ������. ������������������ ∙ ������������
Eq. 3
Where:
VON is the rising edge VIN voltage to enable the regulator and is greater than 3.7V
VOFF is the falling edge VIN voltage to disable the regulator and is greater than 3.26V
6
Output Overvoltage Protection (OVP)
The AP63200Q/AP63201Q/AP63203Q/AP63205Q implements output OVP circuitry to minimize output voltage overshoots during decreasing load
transients. The high-side power MOSFET turns off, and the low-side power MOSFET turns on, when the feedback voltage exceeds 110% of the
0.8V internal reference voltage in order to prevent the output voltage from continuing to increase.
7
Overcurrent Protection (OCP)
The AP63200Q/AP63201Q/AP63203Q/AP63205Q has cycle-by-cycle peak current limit protection by sensing the current through the internal
high-side power MOSFET, Q1. While Q1 is on, the internal sensing circuitry monitors its conduction current. Once the current through Q1 exceeds
the peak current limit, Q1 immediately turns off. If Q1 consistently hits the peak current limit for 512 cycles, the buck converter enters hiccup mode
and shuts down. After 8192 cycles of down time, the buck converter restarts powering up. Hiccup mode reduces the power dissipation in the
overcurrent condition.
8
Thermal Shutdown (TSD)
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP63200Q/AP63201Q/AP63203Q/AP63205Q shuts
down both its high-side and low-side power MOSFETs. When the junction temperature reduces to the required level (+135°C typical), the device
initiates a normal power-up cycle with soft-start.
9
Power Derating Characteristics
To prevent the regulator from exceeding the maximum recommended operating junction temperature, some thermal analysis is required. The
regulator’s temperature rise is given by:
������������������������������ = ������������ ∙ (������������������)
Eq. 4
Where:
PD is the power dissipated by the regulator
θJA is the thermal resistance from the junction of the die to the ambient temperature
The junction temperature, TJ, is given by:
������������ = ������������ + ������������������������������
Eq. 5
Where:
TA is the ambient temperature of the environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com