Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 18Page - Power Integrations, Inc. LCS705LG Datasheet HTML 19Page - Power Integrations, Inc. LCS705LG Datasheet HTML 20Page - Power Integrations, Inc. LCS705LG Datasheet HTML 21Page - Power Integrations, Inc. LCS705LG Datasheet HTML 22Page - Power Integrations, Inc. LCS705LG Datasheet HTML 23Page - Power Integrations, Inc. LCS705LG Datasheet HTML 24Page - Power Integrations, Inc. LCS705LG Datasheet HTML 25Page - Power Integrations, Inc. LCS705LG Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Rev. G 05/17
22
LCS700-708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V;
T
J = -40 °C to 125 °C
(D)
V
CC = 12 V, VCCH = 12 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
LLC Oscillator (cont.)
I
FB Threshold to Stop
LLC Switching
I
STOP1
Threshold applies after exiting soft-start mode
for burst setting BT1
52.0
% of I
DT/BF
I
STOP2
Threshold applies after exiting soft-start mode
for burst setting BT2
46.0
I
STOP3
Threshold applies after exiting soft-start mode
for burst setting BT3
39.0
I
FB Threshold
Hysteresis
I
BURST(HYST)
I
START is IBURST(HYST) below ISTOP
5
6.8
8
% of I
DT/BF
DT/BF Voltage to
Program Burst Setting
V
BT1
Required V
DT/BF at start-up to enable burst
setting BT1
93.5
95
96.3
% of V
REF
V
BT2
Required V
DT/BF at start-up to enable burst
setting BT2
88.5
90
91.3
V
BT3
Required V
DT/BF at start-up to enable burst
setting BT3
83.5
85
86.3
Time Constant for the
Combination of R
FMAX,
R
BURST and the Decoup-
ling Cap on DT/BF
RC
DT/BF
This time constant must be less than the
specified maximum to ensure correct setting
of burst mode.
100
ms
Feedback Current
Maximum
I
FB
Determines the maximum control
frequency that can be set by I
FB
100
%I
DT/BF
Feedback Control
Current Range
I
FB
I
FB is limited by the current into DT/BF
15
430
mA
Feedback Virtual
Voltage
V
FB
FB input appears as R
IN(FB) in series with VFB,
30 mA < I
FB < IDT/BF
0.65
V
Feedback Input
Resistance
R
IN(FB)
FB input appears as R
IN(FB) in series with VFB,
30 mA < I
FB < IDT/BF
2.5
kW
Feedback Input
Resistance During
Soft-Start
R
FB(SS)
FB input appears as R
FB(SS) in series with VREF
during the soft-start delay interval or when
OV/UV < V
SD or OV/UV > VOV
750
W
Over-Current Protection
Fast Over-Current Fault
Voltage
Threshold4
V
IS(F)
0.855
0.905
0.955
V
Slow Over-Current Fault
Voltage
Threshold
V
IS(S)
7 LLC clock cycle debounce
0.455
0.505
0.555
V
Over-Current Fault
Pulse Width
t
IS
Minimum time V
IS exceeds VIS(F)/VIS(S) per cycle
to trigger fault protection
30
ns
Over-Temperature Protection
Over-Temperature
Shutdown ThresholdA
T
OT
125
°C
NOTES:
A. Guaranteed by design.
B. Typical apparent dead-time at the HB pin under resonant ZVS conditions.
C. VCC/VCCH operating range to achieve power capabilities specified in data sheet power table.
D. Operation possibly limited by over-temperature shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com