Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 7Page - Power Integrations, Inc. LCS705LG Datasheet HTML 8Page - Power Integrations, Inc. LCS705LG Datasheet HTML 9Page - Power Integrations, Inc. LCS705LG Datasheet HTML 10Page - Power Integrations, Inc. LCS705LG Datasheet HTML 11Page - Power Integrations, Inc. LCS705LG Datasheet HTML 12Page - Power Integrations, Inc. LCS705LG Datasheet HTML 13Page - Power Integrations, Inc. LCS705LG Datasheet HTML 14Page - Power Integrations, Inc. LCS705LG Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Rev. G 05/15
11
LCS700-708
www.power.com
Key Design Details
The LLC converter is a variable frequency resonant converter. As
input voltage decreases, the frequency must decrease in order to
maintain output regulation. To a lesser extent, as load reduces the
frequency must increase. When the converter is operating at the
series resonant frequency, the frequency changes very little with load.
The minimum operating frequency required occurs at brownout
(minimum input voltage), at full load.
Operating Frequency Selection
For lowest cost, and smallest transformer size with the least amount
of copper, the recommended nominal operating frequency is ~250 kHz.
This allows the use of low-cost ceramic output capacitors in place of
electrolytic capacitors, especially at higher output voltages (≥12 V).
If the core and bobbin used exhibits too much leakage inductance for
250 kHz, operation at 180 kHz also results in excellent performance.
For optimal efficiency at 250 kHz, AWG #44 (0.05 mm) Litz is
recommended for the primary, and AWG #42 (0.07 mm) for the
secondary winding. Thicker gauge lower cost Litz can be used at the
expense of increased copper loss and lower efficiency. Litz gauge
(AWG #38 or 0.1 mm) is optimal for very low frequencies (60-70 kHz),
requires much larger transformers and greater lengths of Litz wire.
For nominal operating frequencies even as low as 130 kHz, the use of
PC44 or equivalent core material is recommended for reduced losses.
For a given transformer design, shifting the frequency up (by
substituting a smaller resonant capacitor), will reduce core loss (due
to reduced AC flux density B
AC) and increase copper loss. Core loss is
a stronger function of flux density than of frequency. The increased
frequency increases copper loss due to eddy current losses.
Nominal operating frequencies >300 kHz start to lose significant
efficiency due to increased eddy current losses in the copper, and
due to the fact that a more significant percentage of time is spent on
the primary slew time (ZVS transition time) which erodes the
percentage of time that power is transferred to the secondary.
Resonant Tank and Transformer Design
Please refer to the Application Note AN-55 for guidance on using the
PIXls HiperLCS spreadsheet which assists in the entire design
process.
Primary Inductance
The optimal powertrain design for the HiperLCS uses a primary induc-
tance that results in minimal loss of ZVS at any steady-state condi-
tion. Some loss of ZVS during non-steady-state conditions is accept-
able. Reducing primary inductance produces higher magnetizing
current which increases the range of ZVS operation, but the increased
magnetizing current increases losses and reduces efficiency.
The calculation of the primary inductance to be used for a first-pass
design is based on device size, rated load, minimum input voltage,
and desired operating frequency. It is provided in the PIXls spread-
sheet. L
PRI is the primary inductance of an integrated transformer
(high leakage inductance), or in the case of the use of an external
series inductance, the sum of this inductance and the transformer
primary inductance.
Leakage Inductance
The parameter K
RATIO is a function of leakage inductance:
K
L
L
1
RATIO
RES
PRI
=-
The recommended K
RATIO is from 2.5 - 7. This determines the
acceptable range of leakage inductance.
L
RES is the leakage inductance in an integrated transformer; if a
separate series inductor is used, it is the sum of this inductance and
the leakage inductance of the transformer.
A low K
RATIO (high leakage inductance) may not be capable of
regulation at the minimum input voltage, and may show increased
transformer copper losses due to the leakage flux. A high K
RATIO (low
leakage inductance) will have high peak and RMS currents at low-line,
and require a lower primary inductance to achieve ZVS operation over
a suitably wide range, which increases the resonant circulating
current, reducing efficiency.
The core and bobbin designs available to the designer may limit the
adjustability of leakage inductance. Fortunately, excellent perfor-
mance can be achieved over a relatively wide range of leakage
inductance values.
The K
RATIO directly affects the frequency range that the LLC needs to
operate in order to maintain regulation over the input voltage range.
Increasing K
RATIO increases this frequency range, lowering fMIN.
A low f
MIN is only a potential problem for low frequency designs which
typically run at higher nominal B
AC. This may allow the core to reach
saturation when operating at f
MIN. Operating at fMIN occurs when the
input voltage is at a minimal (input brown-out).
For a design with a separate resonant inductor, running the induc-
tance on the low side of the range (K
RATIO = 7), minimizes the size and
cost of the inductor.
Adjusting Leakage Inductance
Sectioned bobbins (separated primary and secondary) are commonly
used for LLC converters. Increasing or decreasing both primary and
secondary turns (while maintaining turns ratio) will change the
leakage inductance proportionally to the square of primary turns.
If the leakage inductance is too high, one possible solution is to use a
3-section bobbin, where the secondary is in the middle section, and
the primary winding is split into 2 halves connected in series.
Lastly, if the leakage inductance is too low an external inductor may
be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com