Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 12Page - Power Integrations, Inc. LCS705LG Datasheet HTML 13Page - Power Integrations, Inc. LCS705LG Datasheet HTML 14Page - Power Integrations, Inc. LCS705LG Datasheet HTML 15Page - Power Integrations, Inc. LCS705LG Datasheet HTML 16Page - Power Integrations, Inc. LCS705LG Datasheet HTML 17Page - Power Integrations, Inc. LCS705LG Datasheet HTML 18Page - Power Integrations, Inc. LCS705LG Datasheet HTML 19Page - Power Integrations, Inc. LCS705LG Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Rev. G 05/17
16
LCS700-708
www.power.com
It should be noted that the 4.7 nF decoupling capacitor, C
FB (see Figure
19), in conjunction with the 2.5 kΩ input resistance presented by the
FEEDBACK pin, form a pole in the LLC transfer function. This can add
significant phase lag to the feedback loop. A typical value for a 250 kHz
design with a 3 kHz crossover frequency is 4.7 nF. To prevent loop
instability, the value of the 4.7 nF capacitor should not be increased
arbitrarily. At the other extreme, insufficient FEEDBACK pin bypass
capacitance or poor layout may cause duty cycle asymmetry.
Start-Up and Auto-Restart
At start-up and during the off-state of the auto-restart cycle, the
FEEDBACK pin is internally pulled up to the VREF pin. This keeps the
output MOSFETs off and discharges the soft-start capacitor, in
preparation for soft-start.
At start-up, this state remains for 1024 clock cycles at frequency f
MAX.
During the off-state of auto-restart, or if the OV/UV or IS pin is
triggered while the VCC remains above its UVLO threshold, this state
remains for 131,072 clock cycles.
After 1024 or 131,072 cycles (as the case may be), the HiperLCS turns
off the internal pull-up transistor, the soft-start capacitor begins to
charge, the output MOSFETs switch at f
MAX, current in the FEEDBACK
pin diminishes, the frequency begins to drop, and the PSU output rises.
For example, for f
MAX = 800 kHz, the start-up delay after VCC power-up
is 1.3 ms. If IS, or the OV/UV pin are tripped, auto-restart is invoked,
with a restart delay of 164 ms.
The FEEDBACK pin has a current limit equal to the current flowing into
the DT/BF pin. This limits the maximum current that charges the
soft-start capacitor at start-up. If R
START is smaller than that which
allows the FEEDBACK pin current to match the DT/BF pin current at
start-up, an additional delay is introduced. C
START will charge at the
current limit, and switching will only commence when the FEEDBACK
pin voltage drops below 2.0 V. Thus the designer can add an additional
start-up delay if desired.
As the soft-start capacitor continues to charge, the current through
R
START and thus the FEEDBACK pin decreases, reducing switching
frequency. The output voltage climbs; and when the feedback loop
closes, the optocoupler conducts and starts controlling the switching
frequency thus the output voltage.
Remote-Off
Remote-off can be invoked by pulling down the OV/UV pin to ground,
or by pulling up the IS pin to >0.9 V. Both will invoke a 131,072 cycle
restart cycle. VCC can also be pulled down to shut the device off, but
when it is pulled up, the FEEDBACK pin is pulled up to the VREF pin to
discharge the soft-start capacitor for only 1024 f
MAX clock cycles. If this
scheme is used, the designer must ensure that the time the VCC is
pulled down, plus 1024 cycles, is sufficient to discharge the soft-start
capacitor, or if not, that the resulting lower starting frequency is high
enough so as not to cause excessive primary currents that may cause
the over-current protection to trip.
IS Pin
The IS pin has 2 thresholds: nominally 0.5 V and 0.9 V. The IS pin
can tolerate small negative voltages and currents, and thus does not
need a peak detector or rectifier circuit. The pin has a reverse-biased
diode to ground equivalent circuit, and can tolerate a maximum
negative current of 5 mA. The primary current is sampled by a
primary, B- referenced current sense resistor, or by a capacitor current
divider + current sense resistor combination circuit. In order to limit
the negative current to 5 mA, a current limiting resistor between the
sense resistor and the IS pin is necessary, with a minimum value of
220 Ω. Using the minimum value maximizes the IS pin bypass
capacitor value and thus pin noise rejection, for a given RC pole
frequency. The IS pin will invoke a restart if it sees 7 consecutive
pulses >0.5 V. It will also invoke a restart if a single pulse exceeds
0.9 V. The minimum pulse detection time is nominally 30 ns – i.e. the
pulses must be higher than the threshold voltage for >30 ns.
The “capacitive divider” circuit in Figure 23 reduces power dissipation
and improves efficiency over a simple current sense resistor circuit.
The two capacitors, main resonant capacitor C11, and sense capacitor
C12, form a current divider. The portion of the primary current
routed through C12 is
CC
C
11
12
12
+
.
Consequently, the voltage at the IS pin is equal to
##
I
CC
C
R
11
12
12
11
P
+
,
where I
P is the primary current flowing from the HB pin through the
transformer primary. The current in the sense capacitor passes
through sense resistor R11. Resistor R11 is the main means for
tuning current limit. The signal on R11, an AC voltage, passes
through low-pass filter R12 and C7, to the IS pin. Note that R11 is
returned to the GROUND pin and not to SOURCE pin.
PI-6471-052411
2.5
2
1.5
1
0
0.5
3
3.5
4
4.5
5
-6
0
-2
2
-4
Time (ms)
4
6
-8
-10
20
50
40
60
30
70
80
10
0
Primary Current
Output Voltage
B
A
Figure 22. Typical Start-up Waveform. Observe Initial Current Spike ‘A’ to
Ensure it is Below the 1-Cycle Current Limit. A Higher f
MAX Reduces
it. Size the Soft-Start Capacitor so that the Peak of ‘B’ is just Below
the Peak Current at V
BROWNOUT at Full Load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com