Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 11Page - Power Integrations, Inc. LCS705LG Datasheet HTML 12Page - Power Integrations, Inc. LCS705LG Datasheet HTML 13Page - Power Integrations, Inc. LCS705LG Datasheet HTML 14Page - Power Integrations, Inc. LCS705LG Datasheet HTML 15Page - Power Integrations, Inc. LCS705LG Datasheet HTML 16Page - Power Integrations, Inc. LCS705LG Datasheet HTML 17Page - Power Integrations, Inc. LCS705LG Datasheet HTML 18Page - Power Integrations, Inc. LCS705LG Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Rev. G 05/15
15
LCS700-708
www.power.com
Do not confuse R
START, which determines start-up frequency, and fSTART,
which is the burst mode start (lower) threshold frequency.
The FEEDBACK pin current at start-up is determined by the value of
R
START because the voltage on CSTART will be zero. For minimum start-up
peak currents, this current should match or slightly exceed the DT/BF
pin current so that start-up switching frequency begins at f
MAX. The
resulting value of R
START will be approximately 10% lower than the value
of the pull-up resistor on the DT/BF pin. The frequency will slide down
as C
START charges. If RSTART is smaller than that which provides start-up
at f
MAX, it will create an additional delay before start-up switching.
Please see the PIXls HiperLCS spreadsheet.
Resistor R
LOAD provides a load on the optocoupler, and speeds up the
large signal transient response during burst mode. The recommended
value is ~4.7 kΩ. Diode D1 prevents R
LOAD from loading RFMIN when the
optocoupler is cut off. Diode D1 can be omitted and a combination of
resistor values found to achieve the desired f
MIN but the resulting
tolerances will be poor. Resistor R
OPTO will improve the ESD and surge
immunity of the PSU. It also improves burst mode output ripple
voltage. Its maximum value must be such that the FEEDBACK pin
current is equal to the DT/BF pin current when the optocoupler is in
saturation and the FEEDBACK pin is at 2.0 V (please see PIXls HiperLCS
spreadsheet). This is to ensure that if the HiperLCS does not exit
start-up mode, because the feedback loop did not allow the switching
frequency to drop below f
STOP, then it can regulate at light load by
bursting at f
MAX. Note however bursting at fMAX can lead to high internal
dissipation due to loss of ZVS and should be avoided. See Figure 20.
Capacitor C
START should be sized at the minimum possible value that
exhibits a 7 consecutive-cycle peak current at start-up that is just
below the peak current measured at brown-out and full load. A larger
value will slow down start-up and will make it more likely that f
STOP is
not reached. This can prevent exiting start-up mode when the
HiperLCS is powered up at high-line and minimum load, and may
subsequently cause the HiperLCS to burst at f
MAX instead of between
f
START and fSTOP.
Figure 19. Feedback Network Shown with Additional Load Resistor.
~850 kHz
10 s / div
IPRI
850 ns / div
Severe Loss of ZVS
Bursting Duty ≈ 50%
VHB
Figure 20. Bursting at f
MAX Causes High Internal Dissipation Due to Loss of
ZVS and Should be Avoided.
RFMIN
RSTART
ROPTO
D1
RLOAD
3.4 V
U1B
CSTART
CFB
4.7 nF
GND
VREF
FB
PI-6118-051711
Figure 21. VREF to FB External Resistance vs. Frequency.
In order to calculate R
FMIN and RSTART, use the following equation which
describes nominal resistance from FEEDBACK pin to VREF pin, vs.
frequency:
R
3574
..
FB
LOGf
060410 1193
=
#
+
f
^
^hh
Where R
FB is in kΩ and f is in kHz.
To calculate the minimum R
START, which produces start-up at fMAX, use
the above equation with f = f
MAX from the equation relating dead-time
and f
MAX.
To set f
MIN, use the above equation with f = fMIN × 0.93. Where 0.93 is
to ensure that, despite the worst case frequency tolerance of -7%, the
frequency can go below f
MIN, guaranteeing regulation at VBROWNOUT.
Using the resulting calculated value for R
FB, calculate RFMIN:
RR
R
FMIN
FB
START
=-
The sum of R
FMIN and RSTART determines fMIN.
50
100
20
200
500
1000
4
10
20
50
100
300
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com