Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 3Page - Power Integrations, Inc. LCS705LG Datasheet HTML 4Page - Power Integrations, Inc. LCS705LG Datasheet HTML 5Page - Power Integrations, Inc. LCS705LG Datasheet HTML 6Page - Power Integrations, Inc. LCS705LG Datasheet HTML 7Page - Power Integrations, Inc. LCS705LG Datasheet HTML 8Page - Power Integrations, Inc. LCS705LG Datasheet HTML 9Page - Power Integrations, Inc. LCS705LG Datasheet HTML 10Page - Power Integrations, Inc. LCS705LG Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Rev. G 05/15
7
LCS700-708
www.power.com
Figure 5. Placement of Bypass Capacitors on Signal Pins of IC.
Figure 6. Alternate Layout for LCS Footprint using Round Pads with Jumper Connecting
Two Grounds Highlighted.
Figure 7 shows a an example of preferred routing for the optocou-
pler and traces connected to the FEEDBACK pin. The optocoupler is
spaced away from the transformer, reducing noise pickup. The
optocoupler output trace (from pin 3) is also routed to increase the
distance between it and “active” components and traces, such as T1
and the hot side of capacitor C12. Resistor R20 is located close to U1
rather than optocoupler U2, so that any noise picked up on the
optocoupler trace is filtered by the combination of R20 and C4 before
it gets to the FEEDBACK pin on U1. C4 is placed directly adjacent to
the FEEDBACK pin of U1 (pin 4).
VCCH is connected to the standby supply through a high-voltage
ultrafast diode and a 2.2 W resistor connected in series. This diode
resistor network charges the VCCH bypass/storage capacitor whenever
the internal LLC low-side MOSFET is on. The resistor limits the peak
instantaneous charging current. See R6 and D1 in Figure 8.
G Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com