Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LCS705LG Datasheet HTML 1Page - Power Integrations, Inc. LCS705LG Datasheet HTML 2Page - Power Integrations, Inc. LCS705LG Datasheet HTML 3Page - Power Integrations, Inc. LCS705LG Datasheet HTML 4Page - Power Integrations, Inc. LCS705LG Datasheet HTML 5Page - Power Integrations, Inc. LCS705LG Datasheet HTML 6Page - Power Integrations, Inc. LCS705LG Datasheet HTML 7Page - Power Integrations, Inc. LCS705LG Datasheet HTML 8Page - Power Integrations, Inc. LCS705LG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Rev. G 05/15
3
LCS700-708
www.power.com
Pin Functional Description
VCC Pin
IC power pin. In a typical application, VCC is connected to the 12 V
system standby supply via a 5 W resistor. This resistor helps provide
filtering and improves noise immunity.
Note: The system standby supply return should be connected to the
B- bus and not to the GROUND pin.
VREF Pin
3.4 VREF pin. An internal voltage reference network used as a
voltage source for FEEDBACK pin and DT/BF pin pull-up resistor.
GROUND (G) Pin
G is the return node for all analog small signals. All small signal pin
bypass capacitors must be returned to this pin through short traces,
with the exception of the D-S high-voltage bypass capacitor, and the
VCCH bypass capacitor. It is internally connected to the SOURCE pins
to provide a star connection. Do not connect the GROUND pin to
the SOURCE pins, nor to the B- bus, in the PCB layout.
OV/UV Pin
Overvoltage/Undervoltage pin. B+ is sensed by this pin through a
resistor divider. The OV/UV pin implements brown-in, brown-out, and
overvoltage lockout with hysteresis. Pulling this pin down to ground
will implement a remote-off function.
FEEDBACK (FB) Pin
Current fed into this pin determines LLC switching frequency; higher
current programs higher switching frequency. The pin V-I character-
istic resembles a diode to ground during normal switching. An RC
network between the VREF pin and FEEDBACK pin determines the
minimum operating frequency, start-up frequency, soft-start time, and
delay before start-up.
DEAD-TIME/BURST FREQUENCY (DT/BF) Pin
A resistor divider from VREF to ground programs dead-time,
maximum switching frequency at start-up, and burst-mode threshold
frequencies.
CURRENT-SENSE (IS) Pin
The CURRENT-SENSE pin is used for sensing transformer primary
current, to detect overload and fault conditions, through a current
sense resistor or a capacitive divider plus sense resistor circuit. It
resembles a reverse diode to ground, and does not require a rectifier
circuit for preventing negative pulses from reaching the pin, provided
the reverse current is limited to <5 mA.
SOURCE (S1), (S2) Pins
SOURCE pins of internal low-side MOSFET. These should be
connected together on the PCB, and connected to the B- from the
PFC bulk capacitor or input high-voltage DC return.
HB Pin
This is the output of the half-bridge connected MOSFETs (Source of
high-side MOSFET, Drain of low-side MOSFET), to be connected to
the LLC power train (transformer primary and series resonant
capacitor).
VCCH Pin
Floating bootstrap supply pin for the LLC high-side driver. This pin is
referenced to the HB pin, which in turn is internally connected to the
SOURCE pin of the high-side MOSFET. A bypass/storage capacitor
between VCCH and HB pins, and a boot strap diode with a series
resistor from the standby supply, are required. The storage capacitor
is refreshed every time the lower MOSFET turns on or its body diode
conducts.
DRAIN (D) Pin
DRAIN pin of the internal high-side MOSFET. This connects to the B+
from the PFC bulk capacitor or input high-voltage DC bus.
Figure 3. Pin Numbering and Designation.
PI-6757-120214
H Package (eSIP-16J)
(Front View)
L Package (eSIP-16K)
(Front View)
16
1314
11
9 10
8
1
3 4 5 6 7
Exposed Metal (Both H and L
Packages) (On Package Edge)
Internally Connected
1
3
4
5
6
7
8
9
10
11
13
14
16
Pin 1 I.D.
Pin 1 I.D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com