Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 5Page - Power Integrations, Inc. LCS705LG Datasheet HTML 6Page - Power Integrations, Inc. LCS705LG Datasheet HTML 7Page - Power Integrations, Inc. LCS705LG Datasheet HTML 8Page - Power Integrations, Inc. LCS705LG Datasheet HTML 9Page - Power Integrations, Inc. LCS705LG Datasheet HTML 10Page - Power Integrations, Inc. LCS705LG Datasheet HTML 11Page - Power Integrations, Inc. LCS705LG Datasheet HTML 12Page - Power Integrations, Inc. LCS705LG Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Rev. G 05/15
9
LCS700-708
www.power.com
Bootstrap Circuit and HB Node Layout
Please refer to Figure 10. Note the location of the bootstrap diode,
capacitor, resistor, and the HB trace routing. The objective is to keep
them away from the small signal components and traces, such as the
feedback optocoupler. Do not unnecessarily increase the area of the
PCB traces on this node, because it will increase the dv/dt (capacitive)
coupling to low-voltage circuits.
Transformer Secondary
The transformer secondary pins, output diodes, and main output
capacitors should be positioned close together and routed with short
thick traces. This is critical for secondary current symmetry and to
minimize output diode inverse voltage stress. The use of ceramic
capacitors allows placement between the transformer secondary pins
and the output rectifier, producing a very tight layout. See Figure 11.
The secondary winding halves should be inter-twined together before
they are wound on the bobbin. This minimizes the leakage inductance
between them and greatly improves current symmetry and minimizes
output diode inverse voltage stress. For a 2-output design the
half-windings of a given output need to be intertwined.
Figure 9. Placement of B+ and B- High-Voltage Bypass Capacitors.
SOURCE
DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com