Electronic Components Datasheet Search
  English  ▼

X  

LCS705LG Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # LCS705LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS705LG Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button LCS705LG Datasheet HTML 15Page - Power Integrations, Inc. LCS705LG Datasheet HTML 16Page - Power Integrations, Inc. LCS705LG Datasheet HTML 17Page - Power Integrations, Inc. LCS705LG Datasheet HTML 18Page - Power Integrations, Inc. LCS705LG Datasheet HTML 19Page - Power Integrations, Inc. LCS705LG Datasheet HTML 20Page - Power Integrations, Inc. LCS705LG Datasheet HTML 21Page - Power Integrations, Inc. LCS705LG Datasheet HTML 22Page - Power Integrations, Inc. LCS705LG Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Rev. G 05/15
19
LCS700-708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V;
T
J = -40 °C to 125 °C
(D)
V
CC = 12 V, VCCH = 12 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Half-Bridge
OFF-State Current
I
DSS
Measured from D to
HB or from HB to S
T
J = 100 °C, VCC = 12
V, V
CCH = 12 V,
V
D = 424 V
LCS700
60
mA
LCS701
60
LCS702
65
LCS703
80
LCS705
120
LCS708
200
Breakdown Voltage
BV
DSS
V
CC = 12 V, VCCH = 12 V, 250 mA, TJ = 25 °C
Measured from D to HB or from HB to S
530
V
Thermal Resistance
Junction to Case Thermal Resistance(1,3):
LCS700 (q
JC)...............................................7.6 °C/W
LCS701 (q
JC).............................. ................7.0 °C/W
LCS702 (q
JC).............................. ............... 6.6 °C/W
LCS703 (q
JC) ........................................... 6.2 °C/W
LCS705 (q
JC)............................... .............. 5.9 °C/W
LCS708 (q
JC)............................... .............. 5.5 °C/W
Junction to heat sink Thermal Resistance(1,2):
LCS700 (q
JH)............................... .............10.1 °C/W
LCS701 (q
JH).............................................. 9.5 °C/W
LCS702 (q
JH)............................... .............. 9.1 °C/W
LCS703 (q
JH)............................... .............. 8.7 °C/W
LCS705 (q
JH)............................... .............. 8.4 °C/W
LCS708 (q
JH)............................... .............. 8.0 °C/W
Hottest Junction to OT Sensor Thermal Offset(1,2,4):
LCS700 (ΔT
J-OT).......................................... 4.6 °C/W
LCS701 (ΔT
J-OT)............................... .......... 4.0 °C/W
LCS702 (ΔT
J-OT)................................ ......... 3.5 °C/W
LCS703 (ΔT
J-OT) ....................................... 3.2 °C/W
LCS705 (ΔT
J-OT)................................ ......... 2.8 °C/W
LCS708 (ΔT
J-OT)................................ ......... 2.5 °C/W
Notes:
1. Both power switches each dissipating half the total power.
2. Mounted to an aluminum heat sink with uniform coverage of
Thermalloy thermal paste. Mounting clip with normal force
> 30 N applied to the center of the package.
3. Junction to case thermal resistance is based on hottest
junction, case temperature measured at center of package
back surface.
4. Temperature difference between hottest junction and over-
temperature sensor.
Absolute Maximum Ratings(6)
Instantaneous Repetitive D or HB Current(5) .....................................
................................V
CC, VCCH = 11.5 V, TJ = 25 °C
LCS700................................ ..........................5.2 A
LCS701............................. ............................. 7.7 A
LCS702.............................. .......................... 10.3 A
LCS703 ...................................................... 12.9 A
LCS705............................... ......................... 19.3 A
LCS708............................... ......................... 30.9 A
Instantaneous Repetitive D or HB Current(5) .....................................
.............................. V
CC, VCCH = 11.5 V, TJ = 125 °C
LCS700............................... ...........................4.2 A
LCS701............................ ..............................6.2 A
LCS702.............................. ............................8.3 A
LCS703 ...................................................... 10.4 A
LCS705............................... ......................... 15.6 A
LCS708......................................................... 24.9 A
DRAIN Pin Voltage D(1) .............................................. -1.3 V to 530 V
Half-bridge Voltage, HB(1)..................................... -1.3 V to D + 0.5 V
Half-bridge Voltage Slew Rate, HB ............................. 10 V/ns SUPPLY
Pin Voltage, VCC(1), VCCH(2) ....................................... -0.3 V to 17.5 V
G Pin Voltage(1) ......................................................... -0.3 V to 0.3 V
IS Pin Voltage(3) ................................................-0.65 to VREF + 0.3 V
DT/BF and FEEDBACK Pin Voltages(3)................. -0.3 to VREF + 0.3 V
OV/UV Pin Voltage(3)........................................... -0.3 to VCC + 0.3 V
Pin Current (VREF, OV/UV, DT/BF, FEEDBACK, IS)....... ........ ±100 mA
Junction Temperature .......................................... -40 °C to 150 °C(7)
Storage Temperature ..............................................-65 °C to 150 °C
Lead Temperature(4) .............................................................. 260 °C
ESD Rating (JESD22-A114-B, HBM) ........................................... 2 kV
Notes:
1. Voltage referenced to S.
2. Voltage referenced to HB.
3. Voltage referenced to G.
4. 1/16 inch from case for 5 seconds.
5. One-cycle peak current can exceed repetitive maximum current for
t < 460 ns if T
J < 100 °C and drain voltage ≤ 400 VDC.
6. The absolute maximum voltage rating for all pins is as specified.
This is an absolute maximum condition which must not be
exceeded. Voltages between the maximum operating condition
and this absolute maximum rating condition should be infrequent
and short in duration (e.g. as in a temporary fault condition).
These conditions are not intended as a guarantee of the reliability
of the product up to the absolute maximum rating, but as a
guideline for the level of maximum applied voltage beyond
which there is a risk of immediate damage to the product.
7. The Absolute Maximum Junction Temperature is the temperature
beyond which device damage (latent or otherwise) may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com