Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 17Page - TE Connectivity Ltd AHV Datasheet HTML 18Page - TE Connectivity Ltd AHV Datasheet HTML 19Page - TE Connectivity Ltd AHV Datasheet HTML 20Page - TE Connectivity Ltd AHV Datasheet HTML 21Page - TE Connectivity Ltd AHV Datasheet HTML 22Page - TE Connectivity Ltd AHV Datasheet HTML 23Page - TE Connectivity Ltd AHV Datasheet HTML 24Page - TE Connectivity Ltd AHV Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2
AHV Series
Dual Stage Delta Configuration
INDUSTRIAL / AHV SERIES
Functional Characteristics
Operating Temperature Range
-25°C to +85°C
Climatic Category
25/85/21
Termination
Quick Connect (7A to 100A)
Bolt & Nut (125A to 250A)
Busbar (300A to 1000A)
Flammability Corresponding to
UL 94 V-0
Reference Standards
Design Corresponding to
UL 60939-3 and CSA22.2 No 8
Selection Table – Standard Version
TE Ordering
Number
Catalog Number
Rated
Current @40°C
Rated
Voltage @40°C
Leakage Current
(mA)
Weight
(Kgs)
Termination Type
2405082-1
6 AHV D FP
6A
760
4mA
4
1
2405082-2
10 AHV D FP
10A
760
4mA
4
1
2405082-3
16 AHV D FP
16A
760
4mA
4
1
2405082-4
20 AHV D FP
20A
760
4mA
4
1
2405082-5
25 AHV D FP
25A
760
4mA
5
1
2405082-6
30 AHV D FP
30A
760
4mA
5
1
2405082-7
40 AHV D FP
40A
760
4mA
5
1
2405082-8
50 AHV D FP
50A
760
5mA
6
1
2405082-9
63 AHV D FP
63A
760
6mA
6
1
1-2405082-0
75 AHV D FP
75A
760
6mA
6
1
1-2405082-1
80 AHV D FP
80A
760
6mA
8
1
1-2405082-2
90 AHV D FP
90A
760
6mA
8
2
1-2405082-3
100 AHV D FP
100A
760
6mA
8
2
1-2405082-4
125 AHV D FP
125A
760
6mA
11
M10 STUD
1-2405082-5
150 AHV D FP
150A
760
6mA
12
M12 STUD
1-2405082-6
180 AHV D FP
180A
760
6mA
12
M12 STUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com