Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd AHV Datasheet HTML 10Page - TE Connectivity Ltd AHV Datasheet HTML 11Page - TE Connectivity Ltd AHV Datasheet HTML 12Page - TE Connectivity Ltd AHV Datasheet HTML 13Page - TE Connectivity Ltd AHV Datasheet HTML 14Page - TE Connectivity Ltd AHV Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
6A to 40A
50A to 80A
5
AHV Series
Single stage delta configuration
INDUSTRIAL / AHV SERIES
Mechanical Diagram
Differential Mode 50Ω/50Ω
Frequency in MHz
0.01
0.05
0.15
0.5
1
3
5
10
30
100A
25.6
38.8
46.2
55
47.6
39.3
36.9
34.3
26.4
125A
22
36
42
50
42
35
36
30
22
150A
23
36
45
51
40
31
33
32
20
180A
22
35
48
53
45
32
30
29
20
250A
25.6
38
51.5
55.8
48.6
40.4
37.8
35
24.4
300A
25.5
38.8
49.5
46.2
38.7
30.3
27.6
24.8
17.1
400A
25.5
38.8
49.5
46.2
38.7
30.3
27.6
24.8
17.1
500A
25.5
39.1
51.6
43.1
36.2
28
25.3
22.6
15.1
600A
25.5
39.1
51.6
43.1
36.2
28
25.3
22.6
15.1
700A
25.5
39.4
58.4
45.3
37.8
29.5
26.9
24.2
17.3
800A
25.5
39.4
58.4
45.3
37.8
29.5
26.9
24.2
17.3
1000A
25.5
39.4
58.4
45.3
37.8
29.5
26.9
24.2
17.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com