Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 15 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 15 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 11Page - TE Connectivity Ltd AHV Datasheet HTML 12Page - TE Connectivity Ltd AHV Datasheet HTML 13Page - TE Connectivity Ltd AHV Datasheet HTML 14Page - TE Connectivity Ltd AHV Datasheet HTML 15Page - TE Connectivity Ltd AHV Datasheet HTML 16Page - TE Connectivity Ltd AHV Datasheet HTML 17Page - TE Connectivity Ltd AHV Datasheet HTML 18Page - TE Connectivity Ltd AHV Datasheet HTML 19Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
2
AHV Series
Dual Stage Delta Configuration
INDUSTRIAL / AHV SERIES
Functional Characteristics
Operating Temperature Range
-25°C to +85°C
Climatic Category
25/85/21
Termination (Depends on Current Rating)
Quick Connect 7A to 180A
Flammability Corresponding to
UL 94 V-0
Reference Standards
Design Corresponding to
UL 60939-3 and CSA 22.2 No 8
Selection Table – Standard Version
TE Ordering
Number
Catalog Number
Rated
Current @40°C
Rated
Voltage @40°C
Leakage Current
(mA)
Weight
(Kgs)
Termination
2405080-1
7 AHV D BS
7A
760
5mA
2
1
2405080-2
10 AHV D BS
10A
760
5mA
2
1
2405080-3
16 AHV D BS
16A
760
5mA
3
1
2405080-4
20 AHV D BS
20A
760
5mA
3
1
2405080-5
25 AHV D BS
25A
760
5mA
3
1
2405080-6
30 AHV D BS
30A
760
5mA
4
1
2405080-7
42 AHV D BS
42A
760
5mA
4
1
2405080-8
55 AHV D BS
55A
760
5mA
4
1
2405080-9
63 AHV D BS
63A
760
6mA
5
1
1-2405080-0
75 AHV D BS
75A
760
6mA
5
1
1-2405080-1
80 AHV D BS
80A
760
6mA
5
1
1-2405080-2
90 AHV D BS
90A
760
6mA
6
2
1-2405080-3
100 AHV D BS
100A
760
6mA
6
2
1-2405080-4
130 AHV D BS
130A
760
6mA
7
3
1-2405080-5
150 AHV D BS
150A
760
6mA
8
3
1-2405080-6
180 AHV D BS
180A
760
6mA
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com