Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 1 Page - TE Connectivity Ltd

  AHV Datasheet HTML 1Page - TE Connectivity Ltd AHV Datasheet HTML 2Page - TE Connectivity Ltd AHV Datasheet HTML 3Page - TE Connectivity Ltd AHV Datasheet HTML 4Page - TE Connectivity Ltd AHV Datasheet HTML 5Page - TE Connectivity Ltd AHV Datasheet HTML 6Page - TE Connectivity Ltd AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AHV SERIES
THREE PHASE HIGH PERFORMANCE EMI FILTER
Single stage delta configuration
STANDARD
TYPICAL CIRCUIT
DIAGRAM
FEATURES
• Superior performance
• Compact
• Low leakage current
• Book shelf mounting
APPLICATION
• IT power distribution network
• Three phase drives
• Renewable energy systems
• Process automation equipments
• Energy conversion devices
APPROVALS AND COMPLIANCE
• UL recognized as per
UL 60939-3 and CSA22.2 No 8
INTRODUCTION
Bookshelf design for motor drive applications requiring
minimum space and convenient installation with superior
performance at significant interference levels
Electrical Characteristics
Agency Rated Voltage
Line to Line: 760/750VAC
Current Ratings
7A to 180A @ 40°C
Operating Frequency
50/60Hz
High Potential Test Voltage
Line to Ground: 3535VDC for 1 minute
Line to Line: 3268VDC for 1 minute
Overload Capability
135% Rated current for 15 minutes
Specifications


Similar Part No. - AHV

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AHV100-1TU3-CBK A-DATA-AHV100-1TU3-CBK Datasheet
266Kb / 1P
SuperSpeed USB 3.0
AHV100-1TU3-CBL A-DATA-AHV100-1TU3-CBL Datasheet
266Kb / 1P
SuperSpeed USB 3.0
AHV100-1TU3-CWH A-DATA-AHV100-1TU3-CWH Datasheet
266Kb / 1P
SuperSpeed USB 3.0
AHV100-2TU3-CBK A-DATA-AHV100-2TU3-CBK Datasheet
266Kb / 1P
SuperSpeed USB 3.0
AHV100-2TU3-CWH A-DATA-AHV100-2TU3-CWH Datasheet
266Kb / 1P
SuperSpeed USB 3.0
More results

Similar Description - AHV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF3101FC ONSEMI-NUF3101FC Datasheet
126Kb / 4P
Three Line EMI Filter
March, 2006 ??Rev. 2
logo
Tyco Electronics
1EC1 MACOM-1EC1_11 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
List of Unclassifed Man...
FN332-1-05 ETC2-FN332-1-05 Datasheet
186Kb / 4P
Performance EMI Filter
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
logo
TE Connectivity Ltd
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
logo
TDK Electronics
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
High Attenuation Three-Phase Filter
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
High Attenuation Three-Phase Filter
logo
Schaffner International...
FN-332 SCHAFFNER-FN-332 Datasheet
378Kb / 4P
Performance EMI Filter
FN-343 SCHAFFNER-FN-343 Datasheet
3Mb / 3P
Performance EMI Filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com