Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 6Page - TE Connectivity Ltd AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd AHV Datasheet HTML 10Page - TE Connectivity Ltd AHV Datasheet HTML 11Page - TE Connectivity Ltd AHV Datasheet HTML 12Page - TE Connectivity Ltd AHV Datasheet HTML 13Page - TE Connectivity Ltd AHV Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
4
AHV Series
Single stage delta configuration
INDUSTRIAL / AHV SERIES
Common Mode 50Ω/50Ω
Frequency in MHz
0.01
0.05
0.15
0.5
1
3
5
10
30
80A
0.058
2.1
9.8
21
20
32
58
27
18
90A
0.04
1.2
6.2
15
17
28
50
25
16
100A
0.033
0.298
3.68
13
15.6
26.1
47
23.5
14.3
125A
0.03
0.19
2.5
10
14
25
45
20
13
150A
0.02
0.5
3
11
14
25
42
18
12
180A
0.08
0.5
3.5
12
14
22
37
20
13
250A
0.104
0.52
4.83
15.2
18.4
30.5
40.1
22.6
14
300A
0.0165
0.0311
0.506
6.19
9.21
21.7
31.6
16.4
8.27
400A
0.0165
0.0311
0.506
6.19
9.21
21.7
31.6
16.4
8.27
500A
0.013
0.115
0.731
3.67
8.12
22.9
26.9
14.8
6.1
600A
0.013
0.115
0.731
3.67
8.12
22.9
26.9
14.8
6.1
700A
0.0051
0.0184
0.351
4.24
7.62
21.6
27.7
15.1
6.4
800A
0.0051
0.0184
0.351
4.24
7.62
21.6
27.7
15.1
6.4
1000A
0.0051
0.0184
0.351
4.24
7.62
21.6
27.7
15.1
6.4
Differential Mode 50Ω/50Ω
Frequency in MHz
0.01
0.05
0.15
0.5
1
3
5
10
30
6A
16.2
38.5
82.1
87.6
98.6
81.3
79.6
78.6
71.5
10A
18
35
75
82
86
78
75
70
67
16A
15
24
63
74
75
62
59
53
45
20A
17.2
21.8
57
71.3
73.6
76.4
73.2
70.3
58.6
25A
17.2
19.5
54
63.5
64.9
64.7
61.9
59.2
44.4
30A
18
25
50
60
63
62
57
55
45
40A
17.23
27.8
43.5
60.1
61.5
61.9
61.6
60.9
59.8
50A
20
25
45
65
67
62
55
50
35
60A
22
28
45
62
65
54
48
42
31
75A
25.4
33.8
64.3
72.4
64.4
53.4
50.7
47.9
37.8
80A
25
34
60
68
58
50
48
42
32
90A
25
34
52
60
50
42
40
38
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com