Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 5Page - TE Connectivity Ltd AHV Datasheet HTML 6Page - TE Connectivity Ltd AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd AHV Datasheet HTML 10Page - TE Connectivity Ltd AHV Datasheet HTML 11Page - TE Connectivity Ltd AHV Datasheet HTML 12Page - TE Connectivity Ltd AHV Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
3
AHV Series
Single stage delta configuration
INDUSTRIAL / AHV SERIES
TE Ordering
Number
Catalog Number
Rated
Current @40°C
Rated
Voltage @40°C
Leakage Current
(mA)
Weight
(Kgs)
Termination Type
1-2405081-7
250 AHV S FP
250A
760
3mA
10
M12 STUD
1-2405081-8
300 AHV S FP
300A
760
3mA
15
BUSBAR 6
x 25mm
1-2405081-9
400 AHV S FP
400A
760
3mA
15
BUSBAR 6
x 25mm
2-2405081-0
500 AHV S FP
500A
760
3mA
18
BUSBAR 10
x 25mm
2-2405081-1
600 AHV S FP
600A
760
3mA
18
BUSBAR 10
x 25mm
2-2405081-2
700 AHV S FP
700A
760
3mA
23
BUSBAR 10
x 40mm
2-2405081-3
800 AHV S FP
800A
760
3mA
23
BUSBAR 10
x 40mm
2-2405081-4
1000 AHV S FP
1000A
760
3mA
23
BUSBAR 10
x 40mm
Common Mode 50Ω/50Ω
Frequency in MHz
0.01
0.05
0.15
0.5
1
3
5
10
30
6A
10.2
24.8
35.5
46.7
49.6
56.3
64.4
44.4
26.3
10A
7
21
31
40
45
51
62
42
25
16A
4
13
24
36
40
44
57
36
20
20A
0.621
10.9
21.3
34.3
38.5
48.2
71.3
43.2
26.5
25A
0.94
11.8
22
33.3
37
42.3
50.1
36.9
18
30A
0.92
10.5
22
32
36
43
48
35
22
40A
0.91
11.7
21.4
29.9
34.4
43.1
57.1
35.3
20.7
50A
0.75
7.5
18
28
31
40
54
37
20
60A
0.45
6
18
30
31
40
58
33
18
75A
0.069
5.91
16.2
27.5
29.7
39.6
72.1
32.6
23.3
Insertion Loss (Typical) – Measured in Closed 50Ω System
1
2
3
4
Range; Flexible (mm2)
0.5 - 16
10 - 25
16 - 50
35 - 95
Termination Type: Connectors Cross Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com