Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button AHV Datasheet HTML 4Page - TE Connectivity Ltd AHV Datasheet HTML 5Page - TE Connectivity Ltd AHV Datasheet HTML 6Page - TE Connectivity Ltd AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd AHV Datasheet HTML 10Page - TE Connectivity Ltd AHV Datasheet HTML 11Page - TE Connectivity Ltd AHV Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2
AHV Series
Single stage delta configuration
INDUSTRIAL / AHV SERIES
Functional Characteristics
Operating Temperature Range
-25°C to +85°C
Climatic Category
25/85/21
Termination
Quick Connect (6A to 100A)
Bolt & Nut (125A to 250A)
Busbar (320A to 1000A)
Flammability Corresponding to
UL 94 V-0
Reference Standards
Design Corresponding to
UL 60939-3 and CSA 22.2 No 8
Selection Table – Standard Version
TE Ordering
Number
Catalog Number
Rated
Current @40°C
Rated
Voltage @40°C
Leakage Current
(mA)
Weight
(Kgs)
Termination Type
2405081-1
6 AHV S FP
6A
760
2mA
3
1
2405081-2
10 AHV S FP
10A
760
2mA
3
1
2405081-3
16 AHV S FP
16A
760
2mA
3
1
2405081-4
20 AHV S FP
20A
760
2mA
3
1
2405081-5
25 AHV S FP
25A
760
2mA
4
1
2405081-6
30 AHV S FP
30A
760
2mA
4
1
2405081-7
40 AHV S FP
40A
760
2mA
4
1
2405081-8
50 AHV S FP
50A
760
2.5mA
5
1
2405081-9
60 AHV S FP
60A
760
3mA
5
1
1-2405081-0
75 AHV S FP
75A
760
3mA
5
1
1-2405081-1
80 AHV S FP
80A
760
3mA
7
1
1-2405081-2
90 AHV S FP
90A
760
3mA
7
2
1-2405081-3
100 AHV S FP
100A
760
3mA
7
2
1-2405081-4
125 AHV S FP
125A
760
3mA
10
M10 STUD
1-2405081-5
150 AHV S FP
150A
760
3mA
10
M12 STUD
1-2405081-6
180 AHV S FP
180A
760
3mA
10
M12 STUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com