Electronic Components Datasheet Search
  English  ▼

X  

AHV Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # AHV
Description  THREE PHASE HIGH PERFORMANCE EMI FILTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AHV Datasheet(HTML) 3 Page - TE Connectivity Ltd

  AHV Datasheet HTML 1Page - TE Connectivity Ltd AHV Datasheet HTML 2Page - TE Connectivity Ltd AHV Datasheet HTML 3Page - TE Connectivity Ltd AHV Datasheet HTML 4Page - TE Connectivity Ltd AHV Datasheet HTML 5Page - TE Connectivity Ltd AHV Datasheet HTML 6Page - TE Connectivity Ltd AHV Datasheet HTML 7Page - TE Connectivity Ltd AHV Datasheet HTML 8Page - TE Connectivity Ltd AHV Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
Range; Flexible (mm2)
0.5 - 16
10 - 25
16 - 50
35 - 95
3
AHV Series
Single Stage Delta Configuration
INDUSTRIAL / AHV SERIES
Common Mode 50Ω/50Ω
Frequency in MHz
0.01
0.05
0.15
0.5
1
3
5
10
30
7A
10.3
24.9
36.3
46.9
45.9
49.1
58.5
38.5
16.6
10A
8.0
22.0
32.0
40.0
39.0
42.0
52.0
30.0
10.0
16A
6.0
20.0
30.0
35.0
37.0
39.0
40.0
25.0
15.0
20A
4.0
18.0
26.0
35.0
34.0
37.0
41.0
23.0
14.0
25A
3.9
17.5
28.8
34.6
34.9
38.2
46.4
30.2
16.1
30A
2.5
16.0
26.0
31.0
32.0
34.0
40.0
30.2
15.0
40A
1.0
10.0
20.0
29.0
30.0
37.0
52.0
32.0
17.0
50A
0.0
7.2
16.8
27.9
32.6
42.1
55.9
37.1
20.9
63A
0.3
7.2
14.0
25.0
30.0
38.0
49.0
35.0
19.0
75A
0.1
3.6
12.9
23.7
25.9
35.1
48.4
33.7
22.1
80A
0.2
2.5
8.0
10.0
21.0
31.0
42.0
25.0
13.0
90A
0.1
1.0
5.0
7.0
18.0
24.0
34.0
22.0
15.0
100A
0.1
0.5
2.8
8.1
13.2
25.1
44.5
24.3
14.6
125A
0.1
0.5
3.0
6.0
14.0
24.0
40.0
25.0
12.0
150A
0.1
0.3
4.0
7.0
12.0
26.0
38.0
20.0
10.0
180A
0.1
0.5
4.6
15.5
18.5
30.4
43.1
23.4
13.9
Termination Type: Connectors Cross Section
Insertion Loss (Typical) – Measured in Closed 50Ω System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com