Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 10Page - Exar Corporation XRT83SL216 Datasheet HTML 11Page - Exar Corporation XRT83SL216 Datasheet HTML 12Page - Exar Corporation XRT83SL216 Datasheet HTML 13Page - Exar Corporation XRT83SL216 Datasheet HTML 14Page - Exar Corporation XRT83SL216 Datasheet HTML 15Page - Exar Corporation XRT83SL216 Datasheet HTML 16Page - Exar Corporation XRT83SL216 Datasheet HTML 17Page - Exar Corporation XRT83SL216 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
XRT83SL216
PRELIMINARY
xr
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.3
12
POWER AND GROUND
NAME
PIN
TYPE
DESCRIPTION
TVDD15
TVDD14
TVDD13
TVDD12
TVDD11
TVDD10
TVDD9
TVDD8
TVDD7
TVDD6
TVDD5
TVDD4
TVDD3
TVDD2
TVDD1
TVDD0
C16
E16
G16
J16
L16
N16
R16
P14
P4
R2
N2
L2
J2
G2
E2
C2
PWR
Transmit Analog Power Supply (3.3V ±5%)
TVDD can be shared with DVDD. However, it is recommended that TVDD be
isolated from the analog power supply RVDD. For best results, use an internal
power plane for isolation. If an internal power plane is not available, a ferrite
bead can be used. Each power supply pin should be bypassed to ground
through an external 0.1
µF capacitor and a 10µF capacitor.
RefVDD
AVDD_pll
K12
K6
PWR
Analog Power Supply (3.3V ±5%)
Thes analog supply pins should not be shared with other power supplies. It is
recommended that they be isolated from the digital power supply, DVDD. For
best results, use an internal power plane for isolation. If an internal power
plane is not available, a ferrite bead can be used. Each power supply pin
should be bypassed to ground through an external 0.1
µF capacitor.
DVDD
A2
A17
C9
D9
H6
H12
P9
R9
PWR
Digital Power Supply (3.3V ±5%)
DVDD should be isolated from the analog power supplies except for TVDD.
For best results, use an internal power plane for isolation. If an internal power
plane is not available, a ferrite bead can be used. Every two DVDD power sup-
ply pins should be bypassed to ground through at least one 0.1
µF capacitor.
RVDD_1
RVDD_2
E9
F6
F9
F12
M6
M9
M12
N9
PWR
Receive Power Supply (3.3V ±5%)
RVDD should be isolated from the digital power supplies. For best results, use
an internal power plane for isolation. If an internal power plane is not available,
a ferrite bead can be used. Each power supply pin should be bypassed to
ground through at least one 0.1
µF capacitor and a 10µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com