Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 27Page - Exar Corporation XRT83SL216 Datasheet HTML 28Page - Exar Corporation XRT83SL216 Datasheet HTML 29Page - Exar Corporation XRT83SL216 Datasheet HTML 30Page - Exar Corporation XRT83SL216 Datasheet HTML 31Page - Exar Corporation XRT83SL216 Datasheet HTML 32Page - Exar Corporation XRT83SL216 Datasheet HTML 33Page - Exar Corporation XRT83SL216 Datasheet HTML 34Page - Exar Corporation XRT83SL216 Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
xr
PRELIMINARY
XRT83SL216
REV. P1.0.3
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
29
NOTE: * Indicates that these bits are WRITE-ONLY Reset for that channel register only.
Channel 14 Control Register (0x2Eh - 0x30h)
48
0x30
R/W
SRES_14 *
ARAOS_14
ATAOS_14
TAOS_14
RLAM_14
TXOE_14
RCLKinv_14
TCLKinv_14
49
0x31
R/W
Reserved
AISIE_14
DMOIE_14
RLOSIE_14
Reserved
Reserved
LPB1
LPB0
50
0x32
RUR/
RO
Reserved
AISIS_14
DMOIS_14
RLOSIS_14
Reserved
AISS_14
DMOS_14
RLOSS_14
Channel 15 Control Register (0x31h - 0x33h)
51
0x33
R/W
SRES_15 *
ARAOS_15
ATAOS_15
TAOS_15
RLAM_15
TXOE_15
RCLKinv_15
TCLKinv_15
52
0x34
R/W
Reserved
AISIE_15
DMOIE_15
RLOSIE_15
Reserved
Reserved
LPB1
LPB0
53
0x35
RUR/
RO
Reserved
AISIS_15
DMOIS_15
RLOSIS_15
Reserved
AISS_15
DMOS_15
RLOSS_15
TABLE 6: MICROPROCESSOR REGISTER 0X00H BIT DESCRIPTION
GLOBAL CONTROL REGISTER FOR ALL 16 CHANNELS (0X00H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
GIE
Global Interrupt Enable
The global interrupt enable is used to enable/disable all interrupt
activity for all 16 channels. This bit must be set "High" for the inter-
rupt pin to operate.
"0" = Disable all interrupt generation
"1" = Enable interrupt generation to the individual channel registers
R/W
0
D6
Reserved
This Register Bit is Not Used
R/W
0
D5
SR/DR
Single Rail / Dual Rail Select
This bit is used to configure the receive outputs and transmit inputs
to single rail or dual rail data formats.
"0" = Dual Rail
"1" = Single Rail
R/W
0
D4
CODE
Encoding / Decoding Select (Single Rail Mode Only)
This bit is used to select between AMI or HDB3.
"0" = HDB3
"1" = AMI
R/W
0
D3
FIFOS
FIFO Depth Select
The FIFO depth select is used to configure the part for a 32-bit or
64-bit FIFO (Within the Jitter Attenuator Block). The delay of the
FIFO is typically equal to ½ the FIFO depth.
"0" = 32-bit FIFO
"1" = 64-bit FIFO
R/W
0
TABLE 5: MICROPROCESSOR REGISTER DESCRIPTION
REG ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com