Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 33Page - Exar Corporation XRT83SL216 Datasheet HTML 34Page - Exar Corporation XRT83SL216 Datasheet HTML 35Page - Exar Corporation XRT83SL216 Datasheet HTML 36Page - Exar Corporation XRT83SL216 Datasheet HTML 37Page - Exar Corporation XRT83SL216 Datasheet HTML 38Page - Exar Corporation XRT83SL216 Datasheet HTML 39Page - Exar Corporation XRT83SL216 Datasheet HTML 40Page - Exar Corporation XRT83SL216 Datasheet HTML 41Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
XRT83SL216
PRELIMINARY
xr
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.3
36
TABLE 17: RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION
Receiver Loss of Signal
Number of consecutive zeros
before RLOS is declared
Input signal level at RLOS
RLOS clear
-
-
15
12.5
32
2048
20
-
-
-
-
-
dB
% ones
G.775
ETSI 300 233
Cable attenuation @ 1024kHz
ITU-G.775, ETSI 300 233
Receiver Sensitivity (flat loss
only)
11
13
-
dB
With nominal pulse amplitude of
3.0V for 120
Ω and 2.37V for
75
Ω. With -18dB interference
signal added.
Interference Margin
-18
-14
With 6dB cable loss.
Input Impedance
-
15
-
k
Ω
Input Jitter Tolerance
1Hz
10kHz - 100kHz
37
0.2
-
-
-
-
UIp-p
UIp-p
ITU-G.823
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-
-
36
-
-
+0.5
kHz
dB
Jitter Attenuator Corner Fre-
quency
JABW = "0"
JABW = "1"
-
-
10
1.5
-
-
Hz
Hz
Return Loss
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
14
20
16
-
-
-
-
-
-
dB
dB
dB
ITU-G.703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com