Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 19Page - Exar Corporation XRT83SL216 Datasheet HTML 20Page - Exar Corporation XRT83SL216 Datasheet HTML 21Page - Exar Corporation XRT83SL216 Datasheet HTML 22Page - Exar Corporation XRT83SL216 Datasheet HTML 23Page - Exar Corporation XRT83SL216 Datasheet HTML 24Page - Exar Corporation XRT83SL216 Datasheet HTML 25Page - Exar Corporation XRT83SL216 Datasheet HTML 26Page - Exar Corporation XRT83SL216 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
xr
PRELIMINARY
XRT83SL216
REV. P1.0.3
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
21
2.4
TAOS (Transmit All Ones)
The XRT83SL216 has the ability to transmit all ones on a per channel basis by programming the appropriate
channel register. If TAOS is enabled, the Transmitter outputs will generate an All Ones pattern regardless of
the Transmit Input data. The Remote Loop Back mode has priority over TAOS. Figure 13 is a diagram showing
the all ones signal at TTIP and TRING.
2.5
ATAOS (Automatic Transmit All Ones)
ATAOS is used to generate an All Ones signal only when an RLOS condition occurs. If ATAOS is enabled, any
channel that experiences an RLOS condition will automatically cause the transmitter on that channel to send
an All Ones Pattern to the line using MCLK as reference. When RLOS clears, the All Ones pattern ends and
the Transmit path returns to normal operation.
FIGURE 13. TAOS (TRANSMIT ALL ONES)
FIGURE 14. SIMPLIFIED BLOCK DIAGRAM OF THE ATAOS FUNCTION
TAOS
11
1
Tx
All "1's"
Generator
TTIP
ATAOS
RLOS
TRING
Timing derived
from MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com