Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 18Page - Exar Corporation XRT83SL216 Datasheet HTML 19Page - Exar Corporation XRT83SL216 Datasheet HTML 20Page - Exar Corporation XRT83SL216 Datasheet HTML 21Page - Exar Corporation XRT83SL216 Datasheet HTML 22Page - Exar Corporation XRT83SL216 Datasheet HTML 23Page - Exar Corporation XRT83SL216 Datasheet HTML 24Page - Exar Corporation XRT83SL216 Datasheet HTML 25Page - Exar Corporation XRT83SL216 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
XRT83SL216
PRELIMINARY
xr
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.3
20
NOTE: VDD=3.3V ±5%, TA=25°C, Unless Otherwise Specified
2.2
HDB3 Encoder
In single rail mode, the LIU can encode the TPOS input signal to AMI or HDB3 data. If HDB3 encoding is
selected, any sequence with four or more consecutive zeros in the input will be replaced with 000V or B00V,
where "B" indicates a pulse conforming to the bipolar rule and "V" representing a pulse violating the rule. An
example of HDB3 encoding is shown in Table 3.
2.3
Transmit Jitter Attenuator
The XRT83SL216 LIU is ideal for multiplexer or mapper applications where the network data crosses multiple
timing domains. As the higher data rates are de-multiplexed to E1 data, stuffing bits are typically removed
which can leave gaps in the incoming data stream. The JA can be configured in the transmit path with a 32-Bit
or 64-Bit FIFO that is used to smooth the gapped clock into a steady E1 output. The maximum gap width the
JA in the Transmit path can tolerate is shown in Table 4.
NOTE: If the LIU is used in a loop timing system, the JA should be configured in the receive path. See the Receive Section
of this datasheet.
TABLE 2: TIMING SPECIFICATIONS FOR TCLK/TPOS/TNEG
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TCLK Duty Cycle
TCDU
30
50
70
%
Transmit Data Setup Time
TSU
50
-
-
ns
Transmit Data Hold Time
THO
30
-
-
ns
TCLK Rise Time (10% to 90%)
TCLKR
-
-
40
ns
TCLK Fall Time (90% to 10%)
TCLKF
-
-
40
ns
TABLE 3: EXAMPLES OF HDB3 ENCODING
NUMBER OF PULSES BEFORE
NEXT 4 ZEROS
Input
0000
HDB3 (Case 1)
Odd
000V
HDB3 (Case 2)
Even
B00V
TABLE 4: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS
FIFO DEPTH
MAXIMUM GAP WIDTH
32-Bit
20 UI
64-Bit
50 UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com