Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL216 Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 31Page - Exar Corporation XRT83SL216 Datasheet HTML 32Page - Exar Corporation XRT83SL216 Datasheet HTML 33Page - Exar Corporation XRT83SL216 Datasheet HTML 34Page - Exar Corporation XRT83SL216 Datasheet HTML 35Page - Exar Corporation XRT83SL216 Datasheet HTML 36Page - Exar Corporation XRT83SL216 Datasheet HTML 37Page - Exar Corporation XRT83SL216 Datasheet HTML 38Page - Exar Corporation XRT83SL216 Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
xr
PRELIMINARY
XRT83SL216
REV. P1.0.3
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
33
TABLE 11: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (CHANNEL_n, where n = 0:15)
(0X07H, 0X0AH, 0X0DH, 0X10H, 0X13H, 0X16H, 0X19H, 0X1CH, 0X1FH, 0X22H, 0X25H, 0X28H, 0X2BH, 0X2EH, 0X31H,
0X34H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
X
D6
AISIE_n
Alarm Indication Signal Interrupt Enable
"0" = Masks the AIS interrupt generation
"1" = Enables Interrupt generation
R/W
0
D5
DMOIE_n
Driver Monitor Output Interrupt Enable
"0" = Masks the DMO interrupt generation
"1" = Enables Interrupt generation
R/W
0
D4
RLOSIE_n
Receiver Loss of Signal Interrupt Enable
"0" = Masks the RLOS interrupt generation
"1" = Enables Interrupt generation
R/W
0
D3
Reserved
This Register Bit is Not Used
X
X
D2
Reserved
This Register Bit is Not Used
X
X
D1
D0
LPB1
LPB0
Loop Back Select
These bits are used to configure the channel in one of three loop-
back modes. For additional information on loopback modes, see
the Application Section of this datasheet.
R/W
0
TABLE 12: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (CHANNEL_n, where n = 0:15)
(0X08H, 0X0BH, 0X0EH, 0X11H, 0X14H, 0X17H, 0X1AH, 0X1DH, 0X20H, 0X23H, 0X26H, 0X29H, 0X2CH, 0X2FH, 0X32H,
0X35H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
X
D6
AISIS_n
Alarm Indication Signal Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
LPB1
Digital Loopback
LPB0
Remote Loopback
Analog Loopback
No Loopback
Loopback Mode
0
1
1
0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com