Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8301 Datasheet HTML 28Page - Analog Devices LT8301 Datasheet HTML 29Page - Analog Devices LT8301 Datasheet HTML 30Page - Analog Devices LT8301 Datasheet HTML 31Page - Analog Devices LT8301 Datasheet HTML 32Page - Analog Devices LT8301 Datasheet HTML 33Page - Analog Devices LT8301 Datasheet HTML 34Page - Analog Devices LT8301 Datasheet HTML 35Page - Analog Devices LT8301 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Data Sheet
LTC4296-1
REGISTER MAP
analog.com
Rev. 0 | 32 of 46
Table 19. PxCFG0 (Register Address 0xx3): Port x Configuration Register 0, Read/Write, Provides Port x Configuration (Continued)
Bit(s)
Name
Description
12
DISABLE_DETECTION_PULLUP
Write 1 to disable the detection pull-up current.
11
TDET_DISABLE
Write 1 to disable the detection timer.
10
FOLDBACK_DISABLE
Write 1 to disable foldback during port inrush in the power-up state.
9
SOFT_START_DISABLE
Write 1 to disable soft-start during port inrush in the power-up state.
8
TOFF_TIMER_DISABLE
Write 1 to disable the tOFF timer to allow the port arbitrarily long time for discharging in the settle-sleep state.
7
TMFVDO_TIMER_DISABLE
Write 1 to disable the tMFVDO timer to prevent the port from shutting off in absence of a valid MFVS.
6
SW_PSE_READY
Write 1 to indicate that the port is ready for detection.
5
SW_POWER_AVAILABLE
Write 1 to indicate that the port is able to source power to the connected PD.
4
UPSTREAM_WAKEUP_DISABLE
Write 1 to disable the upstream (PD initiated) wake-up of the port.
3
DOWNSTREAM_WAKEUP_DISABLE
Write 1 to disable the downstream (PSE initiated) wake-up of the port.
2
SW_PSE_WAKEUP
Write 1 to wake up the port.
1
HW_EN_MASK
Write 0 to mask the AUTO pin.
0
SW_EN
Write 1 to enable the port.
Table 20. PxCFG1 (Address 0xx4): Port x Configuration Register 1, Read/Write, Provides Port x Configuration
Bit(s)
Name
Description
[15:9]
Reserved
Reserved for future use.
8
PREBIAS_OVERRIDE_GOOD
Write 1 to simulate a valid wake-up signature.
[7:6]
TLIM_TIMER_TOP
Write as follows to configure the top-side fault timer (tLIM):
00b = 59.9 ms (default).
01b = 29.9 ms.
10b = 15 ms.
11b = 0.46 ms.
Note that the tLIM timer decrements towards zero in the presence of the fault event and increment towards the configured value
in absence of the fault event. The decrement rate is 8x the increment rate
[5:4]
TOD_TRESTART_TIMER
Write as follows to configure the overload delay timer and restart timer:
00b = default (tOD = 1.1 sec and tRESTART = 551 ms).
01b = 2x of default.
10b = 4x of default.
11b = forever.
[3:2]
TINRUSH_TIMER
Write as follows to configure the tINRUSH timer:
00b = 3.5 ms.
01b = 14 ms.
10b = 56.2 ms (default).
11b = forever.
1
SIG_OVERRIDE_BAD
Write 1 to simulate an invalid detection voltage signature.
0
SIG_OVERRIDE_GOOD
Write 1 to simulate a valid detection voltage signature.
Table 21. PxADCCFG (Register Address 0xx5): Port x ADC Configuration Register, Read/Write, Provides Port x ADC Configuration
Bit(s)
Name
Description
[15:8]
Reserved
Reserved for future use.
[7:0]
MFVS_THRESHOLD
MFVS threshold to be set based on the MFVS Threshold Code = 62.5 x R1 equation. See the Maintain Full Voltage
Signature (MFVS) section for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com