Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8301
Description  5-Port SPoE PSE Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8301 Datasheet HTML 17Page - Analog Devices LT8301 Datasheet HTML 18Page - Analog Devices LT8301 Datasheet HTML 19Page - Analog Devices LT8301 Datasheet HTML 20Page - Analog Devices LT8301 Datasheet HTML 21Page - Analog Devices LT8301 Datasheet HTML 22Page - Analog Devices LT8301 Datasheet HTML 23Page - Analog Devices LT8301 Datasheet HTML 24Page - Analog Devices LT8301 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Data Sheet
LTC4296-1
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 46
Autonomous Mode
For applications that do not require classification, the LTC4296-1
can operate in an autonomous mode without a host controller when
the AUTO pin is pulled high. In autonomous mode, the LTC4296-1
powers up any port when a PD presents a valid detection signature.
This mode is ideal for applications that only require a basic detec-
tion. Power-up can be forced, regardless of the detection signature,
by setting the signature override good bit (Register PxCFG1, Bit 0,
SIG_OVERRIDE_GOOD).
PORT STATE DESCRIPTIONS
Overview
Every port in the LTC4296-1 implements the PSE state described in
the usage cases (see the 802.3cg-Compliant PSE section and the
Autonomous Mode section). A detailed description of each state is
provided in the subsequent sections.
Disabled State
A port starts in the disabled state after a power-on or software
reset event. In this state, the high-side MOSFET is turned off,
and the port voltage is discharged to less than VDISABLED with an
internal pull-down. The port remains in this state until it is enabled
by the software enable bit (Register PxCFG0, Bit 0, SW_EN) or if
the AUTO pin is high and not masked (Register PxCFG0, Bit 1,
HW_EN_MASK). Once enabled, the port enters the idle state.
Idle State
In the Idle state, the port output is biased by the LTC4296-1 to
VSLEEP. If the output voltage is in the VSLEEP range, the output
current is less than the IWAKEUP maximum, and the AUTO pin is
high or the software PSE ready is asserted (Register PxCFG0, Bit
6, SW_PSE_READY), the port proceeds to the detection state. If
the port current exceeds IWAKEUP for tLIM_SLEEP, the port enters the
overload state.
Detection State
PD detection is performed in the detection state. During detection, a
probing current, IVALID, is sourced and the port searches for a PD. A
PD not requiring classification presents a valid detection signature
voltage in the range of 4.05 V to 4.55 V when the PSE sources
IVALID. Figure 47 shows a typical valid PD detection sequence.
The PSE must accept a PD detection signature as valid when a
valid detection signature voltage is present for at least tSIG_HOLD
and must reject voltages less than VBAD_LO_PSE (3.7 V) or greater
than VBAD_HI_PSE (5 V), dark shaded regions in Figure 48. The PSE
can accept or reject voltages in the undefined ranges between the
must-reject and must-accept limits (light shaded regions).
A port exits the detection state after tDET unless the detection timer
is disabled (PxCFG0, Bit 11, TDET_DISABLE). If the tDET timer
expires without detecting a valid PD signature, the port enters the
restart state and then returns to the idle state.
For use cases not requiring classification, the following conditions
must be met to proceed to the power-up state:
►
A valid detection signature is found (or Register PxCFG1, Bit 0,
SIG_OVERRIDE_GOOD, is set).
►
The global software power-good bit is set (Register GCFG, Bit 0,
SW_VIN_PGOOD).
►
The port software power available bit is set (Register PxCFG0,
Bit 5, SW_POWER_AVAILABLE). If the port software power
available bit is not set, the port goes to the restart state after
exiting the detection state.
Figure 47. Typical Valid Detection Sequence Waveform
Figure 48. IEEE 802.3bu Signature Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com